データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

BSS110 データシート(PDF) 8 Page - NXP Semiconductors

部品番号 BSS110
部品情報  P-channel enhancement mode vertical D-MOS transistor
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  PHILIPS [NXP Semiconductors]
ホームページ  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BSS110 データシート(HTML) 8 Page - NXP Semiconductors

  BSS110 Datasheet HTML 1Page - NXP Semiconductors BSS110 Datasheet HTML 2Page - NXP Semiconductors BSS110 Datasheet HTML 3Page - NXP Semiconductors BSS110 Datasheet HTML 4Page - NXP Semiconductors BSS110 Datasheet HTML 5Page - NXP Semiconductors BSS110 Datasheet HTML 6Page - NXP Semiconductors BSS110 Datasheet HTML 7Page - NXP Semiconductors BSS110 Datasheet HTML 8Page - NXP Semiconductors BSS110 Datasheet HTML 9Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
1995 Apr 07
8
Philips Semiconductors
Product specification
P-channel enhancement mode
vertical D-MOS transistor
BSS110
DEFINITIONS
LIFE SUPPORT APPLICATIONS
These products are not designed for use in life support appliances, devices, or systems where malfunction of these
products can reasonably be expected to result in personal injury. Philips customers using or selling these products for
use in such applications do so at their own risk and agree to fully indemnify Philips for any damages resulting from such
improper use or sale.
Data Sheet Status
Objective specification
This data sheet contains target or goal specifications for product development.
Preliminary specification
This data sheet contains preliminary data; supplementary data may be published later.
Product specification
This data sheet contains final product specifications.
Limiting values
Limiting values given are in accordance with the Absolute Maximum Rating System (IEC 134). Stress above one or
more of the limiting values may cause permanent damage to the device. These are stress ratings only and operation
of the device at these or at any other conditions above those given in the Characteristics sections of the specification
is not implied. Exposure to limiting values for extended periods may affect device reliability.
Application information
Where application information is given, it is advisory and does not form part of the specification.



Html Pages

1 2 3 4 5 6 7 8 9