データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

HD26LS32 データシート(PDF) 13 Page - Hitachi Semiconductor

部品番号 HD26LS32
部品情報  Quadruple Differential Line Receivers With 3 State Outputs
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  HITACHI [Hitachi Semiconductor]
ホームページ  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

HD26LS32 データシート(HTML) 13 Page - Hitachi Semiconductor

Back Button HD26LS32 Datasheet HTML 7Page - Hitachi Semiconductor HD26LS32 Datasheet HTML 8Page - Hitachi Semiconductor HD26LS32 Datasheet HTML 9Page - Hitachi Semiconductor HD26LS32 Datasheet HTML 10Page - Hitachi Semiconductor HD26LS32 Datasheet HTML 11Page - Hitachi Semiconductor HD26LS32 Datasheet HTML 12Page - Hitachi Semiconductor HD26LS32 Datasheet HTML 13Page - Hitachi Semiconductor HD26LS32 Datasheet HTML 14Page - Hitachi Semiconductor HD26LS32 Datasheet HTML 15Page - Hitachi Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
HD26LS32
13
2. Unidirectional Transmission (1 : n Configuration)
Driver
Data
input
RT
Data
output
Data
output
Receiver
RT
Data
output
Enable
Data
output
Figure 10 1 : n Unidirectional Transmission
With this connection method, n receivers are connected for one driver. In the RS-422A standard, ten
receivers can be connected simultaneously for one driver.
Conversely, it is also possible to connect one receiver for n drivers.
3.
Bidirectional Transmission
Driver
Receiver
Data I/O
Enable
Driver
Receiver
Data I/O
Enable
RT
RT
Figure 11 Bidirectional Transmission
When bidirectional data exchange is performed using a combination of the HD26LS31 and HD26LS32,
since either high or low output control is possible, using complementary enable inputs for the driver and
receiver makes it easy to configure the kind of combination illustrated in figure 11 .
Extending this combination makes it possible to exchange n-bit data simultaneously, and handle a party
line system.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15