| データシートサーチシステム |
|
M37151MC-XXXFP データシート(PDF) 21 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
M37151MC-XXXFP データシート(HTML) 21 Page - Renesas Technology Corp |
|
21 / 139 page ![]() SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER and ON-SCREEN DISPLAY CONTROLLER M37151M6/M8/MA/MC/MF-XXXFP, M37151EFFP MITSUBISHI MICROCOMPUTERS 20 Rev. 1.0 Fig. 8.3.4 Interrupt Control Register 1 b7 b6 b5 b4 b3 b2 b1 b0 Interrupt control register 1 (ICON1) [Address 00FE16] B Name After reset Functions RW Interrupt Control Register 1 0 Timer 1 interrupt enable bit (TM1E) 0 : Interrupt disabled 1 : Interrupt enabled 1 Timer 2 interrupt enable bit (TM2E) 2 Timer 3 interrupt enable bit (TM3E) 3 4 OSD interrupt enable bit (OSDE) 0 : Interrupt disabled 1 : Interrupt enabled 0 : Interrupt disabled 1 : Interrupt enabled 0 : Interrupt disabled 1 : Interrupt enabled 0 0 0 0 0 0 RW RW RW RW RW R — 7 Nothing is assigned. This bit is a write disable bit. When this bit is read out, the value is “0.” Timer 4 interrupt enable bit (TM4E) 0 : Interrupt disabled 1 : Interrupt enabled 5 VSYNC interrupt enable bit (VSCE) 0 : Interrupt disabled 1 : Interrupt enabled 0 RW 6 INT3 external interrupt enable bit (IN3E) 0 : Interrupt disabled 1 : Interrupt enabled 0 RW Fig. 8.3.5 Interrupt Control Register 2 b7 b6 b5 b4 b3 b2 b1 b0 Interrupt control register 2 (ICON2) [Address 00FF16] B Name Functions After reset RW Interrupt Control Register 2 0 INT1 external interrupt enable bit (IN1E) 0 : Interrupt disabled 1 : Interrupt enabled 1 Data slicer interrupt enable bit (DSE) 2 Serial I/O interrupt enable bit (SIE) 3 4 INT2 external interrupt enable bit (IN2E) 0 : Interrupt disabled 1 : Interrupt enabled 0 : Interrupt disabled 1 : Interrupt enabled 0 : Interrupt disabled 1 : Interrupt enabled 0 0 0 0R W RW RW RW 0R W f(XIN)/4096 interrupt enable bit (CKE) 0 : Interrupt disabled 1 : Interrupt enabled 5 Multi-master I2C-BUS interface interrupt enable bit (IICE) 0 : Interrupt disabled 1 : Interrupt enabled 6 Timer 5 • 6 interrupt enable bit (TM56E) 0 : Interrupt disabled 1 : Interrupt enabled 7 Timer 5 • 6 interrupt switch bit (TM56C) 0 : Timer 5 1 : Timer 6 0R W 0R W 0R W |