データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CDB5366 データシート(PDF) 8 Page - Cirrus Logic

部品番号 CDB5366
部品情報  Evaluation Board for CS5366
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  CIRRUS [Cirrus Logic]
ホームページ  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CDB5366 データシート(HTML) 8 Page - Cirrus Logic

Back Button CDB5366 Datasheet HTML 4Page - Cirrus Logic CDB5366 Datasheet HTML 5Page - Cirrus Logic CDB5366 Datasheet HTML 6Page - Cirrus Logic CDB5366 Datasheet HTML 7Page - Cirrus Logic CDB5366 Datasheet HTML 8Page - Cirrus Logic CDB5366 Datasheet HTML 9Page - Cirrus Logic CDB5366 Datasheet HTML 10Page - Cirrus Logic CDB5366 Datasheet HTML 11Page - Cirrus Logic CDB5366 Datasheet HTML 12Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
8
DS626DB1
CDB5366
3.5
Bit Definitions
3.5.1
CS5366 Bits
The Low-Level view of the FlexGUI provides the full register set of the CS5366 under the CS5366 tab.
The CS5366 datasheet provides full details of internal register operation.
3.5.2
FPGA Bits
FPGA Register 0x00 is non-functional and only contains the revision code of the FPGA.
FPGA Register 0x01 is a functional register that provides the following functionality.
Figure 3. FPGA Low-Level Bit View
Fs_Range1,0 set the device Speed Mode. These bits need to be changed when using the Serial Audio
Interface of the DSP header to communicate with external equipment.
0x00 Single Speed Master
0x01 Double Speed Master
0x10 Quad Speed Master
0x11 Slave all speed
AudioFMT1,0 set the Serial Audio Interface format when attaching the Serial Audio Interface of the DSP
header to external equipment.
0x00 Left Justified
0x01 I²S
0x10 TDM 2-wire
0x11 TDM 4-wire



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24