データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CAB650M17HM3 データシート(PDF) 6 Page - WOLFSPEED, INC.

部品番号 CAB650M17HM3
部品情報  1700 V, 650 A, Silicon Carbide, Half-Bridge Module
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  WOLFSPEED [WOLFSPEED, INC.]
ホームページ  https://www.wolfspeed.com/
Logo WOLFSPEED - WOLFSPEED, INC.

CAB650M17HM3 データシート(HTML) 6 Page - WOLFSPEED, INC.

Back Button CAB650M17HM3 Datasheet HTML 2Page - WOLFSPEED, INC. CAB650M17HM3 Datasheet HTML 3Page - WOLFSPEED, INC. CAB650M17HM3 Datasheet HTML 4Page - WOLFSPEED, INC. CAB650M17HM3 Datasheet HTML 5Page - WOLFSPEED, INC. CAB650M17HM3 Datasheet HTML 6Page - WOLFSPEED, INC. CAB650M17HM3 Datasheet HTML 7Page - WOLFSPEED, INC. CAB650M17HM3 Datasheet HTML 8Page - WOLFSPEED, INC. CAB650M17HM3 Datasheet HTML 9Page - WOLFSPEED, INC. CAB650M17HM3 Datasheet HTML 10Page - WOLFSPEED, INC. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
CAB650M17HM3
6
Rev. 01, FEBRUARY 2022
© 2022 Wolfspeed, Inc. All rights reserved. Wolfspeed® and the Wolfstreak logo are registered trademarks and the Wolfspeed logo is a trademark of Wolfspeed, Inc.
The information in this document is subject to change without notice.
4600 Silicon Drive | Durham, NC 27703 | Tel: +1.919.313.5300 | wolfspeed.com/power
Typical Performance
0.0001
0.001
0.01
0.1
1E-6
10E-6
100E-6
1E-3
10E-3
100E-3
1
10
Time, tp (s)
Single Pulse
0.01
0.02
0.05
0.10
0.30
0.50
0.01
0.1
1
10
100
1000
0.1
1
10
100
1000
Drain-Source Voltage, VDS (V)
Limited by
RDS(on)
Conditions:
Tc = 25 °C
D = 0
Parameter: tp
EOff
EOn
EOff + EOn
0
10
20
30
40
50
60
70
80
90
100
0
25
50
75
100
125
150
175
200
Junction Temperature, TVJ (°C)
Conditions:
IS = 650 A, VDD = 900 V
RG(ext) = 1.5 Ω, VGS = -4/+15 V
L = 14 µH
EOff
EOn
EOff + EOn
ERR
0
20
40
60
80
100
120
140
160
0
1
2
3
4
5
External Gate Resistor, RG(ext) (Ω)
Conditions:
TVJ = 25°C
IS = 650 A
VDD = 900 V
VGS = -4/+15 V
L = 14 µH
ERR (VDD = 900 V)
ERR (VDD = 1200 V)
0
2
4
6
8
10
12
0
25
50
75
100
125
150
175
200
Junction Temperature, TVJ (°C)
Conditions:
IS = 650 A
RG(ext) = 1.5 Ω
VGS = -4/+15 V
L = 14 µH
TVJ = 25°C
TVJ = 175°C
0
2
4
6
8
10
12
14
16
0
1
2
3
4
5
6
External Gate Resistor, RG(ext) (Ω)
Conditions:
IS = 650 A
VDD = 900 V
VGS = -4/+15 V
L = 14 µH
Figure 13. MOSFET Switching Energy vs. Junction
Temperature
Figure 14. Reverse Recovery Energy vs. Junction Temperature
Figure 15. MOSFET Switching Energy vs. External Gate
Resistance
Figure 16. Reverse Recovery Energy vs. External Gate
Resistance
Figure 17. MOSFET Junction to Case Transient Thermal
Impedance, Z
th JC (°C/W)
Figure 18. Forward Bias Safe Operating Area (FBSOA)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com