| データシートサーチシステム |
|
KXD データシート(PDF) 5 Page - Leach International Corporation |
|
|
|||||||||||||||||||||||||||||
KXD データシート(HTML) 5 Page - Leach International Corporation |
|
5 / 5 page ![]() KXD RELAY NONLATCH 1 PST/NO (DM) + AUX / 75 AMP 5 / 5 CIRCUIT DIAGRAM NUMBERING SYSTEM Example : KXD-X9A NOTES 1. For other mounting styles or terminal types, please contact the factory 2. Coil time constant L/R : 11ms 3. Relay will not be damaged by applying reverse voltage to the coil although the relay may transfer. 4. For full rated load, max temp and altitude use no. 6 wire or larger. 5. N, R & V coils have back EMF suppression to - 42 volts maximum. KXD X 9 A Basic series designation 1. Mounting styles (Conact factory) 2. Terminal types (9) 3. Coil voltage (A, B, C, M, N, R, or V) |