| データシートサーチシステム |
|
CSG14K_CSG8K データシート(PDF) 62 Page - ams AG |
|
|
|||||||||||||||||||||||||||||
CSG14K_CSG8K データシート(HTML) 62 Page - ams AG |
|
62 / 113 page ![]() Document Feedback CSG14K_CSG8K Functional Description Datasheet • PUBLIC DS000571 • v1-00 • 2020-Dec-15 112 │ 61 Power-Down Sequence Figure 65: Power-Down Sequence All external supplies ramp back down to 0 V. Supplies that are shown to be ramping at the same time may also be ramped down one by one. Release Hard Reset This is achieved by changing the RST_N input from ‘0’ to ‘1’. Assert Hard Reset This is achieved by changing the RST_N input from ‘1’ to ‘0’. Common Upload (1) Independent of the sensor operation mode, a group of settings referred to as the Common Upload (1) must be uploaded in the specified order. These settings are provided in a separate file called CSG14K_common_upload_1.txt, where every line of that file corresponds to a single 8-bit SPI transaction or a wait statement. The syntax for these commands is detailed below. Write DATA to ADDRESS Lines starting with the write keyword indicate SPI write transactions where DATA specifies the value to be written to ADDRESS. Read EXPECTED from ADDRESS Lines starting with the read keyword indicate SPI read transactions where EXPECTED is the value that should be read from ADDRESS. Wait TIME Lines starting with the wait keyword indicate that a minimum time as specified by TIME has to be respected before moving on to the next instruction. These wait times are necessary for proper settling in the sensor. VDD33* VDD12* VDDPIX |