| データシートサーチシステム |
|
STV223XD データシート(PDF) 1 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STV223XD データシート(HTML) 1 Page - STMicroelectronics |
|
1 / 76 page ![]() September 2003 1/76 STV223XD/224XC I²C BUS-CONTROLLED MULTISTANDARD SINGLE CHIP TV PROCESSOR s I²C Bus Control s PIF Circuit with PLL Demodulation (Positive and Negative Video) s SIF Circuit with QSS Structure, FM Demodulation and AM Demodulation for France s Intercarrier Capability s Built-in Sound Bandpass s Sound Subcarrier Output for Stereo Chassis (FM, NICAM) s Audio Switch and Volume Control (Mono Chassis) s AVL (Automatic Volume Levelling) s Integrated Chroma Filters and Luma Delay Line s Integrated Chroma Delay Line s Video Switch (3 CVBS In, 1 or 2 CVBS Out) s SVHS Switch (Y Combined with CVBS3 Input) s OSD RGB Inputs s External RGB/YCrCb Inputs or YUV Interface s PAL / SECAM / NTSC Chroma Demodulators s Auto Flesh Control Capability in NTSC mode s South America Capability (PAL-M / PAL-N / NTSC) s Chroma Subcarrier Output s Black Stretch Circuit s Peaking Circuit s Automatic Cut-off Current Loop s Manual Cut-off possible for low-cost applications s Two Horizontal Deflection PLLs s Vertical Countdown s Half Contrast s APR (Automatic RGB Peak Regulation) Function s SAW Filter Switch Control (Optional) s Very Few External Components TQFP64 (14 x 14 x 1.4 mm) (Full Thin Plastic Quad Flat Pack) ORDER CODE: STV223XD SHRINK56 (Plastic Package) ORDER CODE: STV224XC/8XC 1 |
同様の部品番号 - STV223XD |
|
同様の説明 - STV223XD |