| データシートサーチシステム |
|
TYN610 データシート(PDF) 2 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
TYN610 データシート(HTML) 2 Page - STMicroelectronics |
|
2 / 4 page ![]() GATE CHARACTERISTICS (maximum values) Symbol Parameter Value Unit Rth (j-a) Junction to ambient 60 °C/W Rth (j-c) DC Junction to case for DC 2.5 °C/W Symbol Test Conditions Value Unit IGT VD=12V (DC) RL=33Ω Tj=25 °C MAX 15 mA VGT VD=12V (DC) RL=33Ω Tj=25 °C MAX 1.5 V VGD VD=VDRM RL=3.3kΩ Tj= 110 °C MIN 0.2 V tgt VD=VDRM IG = 40mA dIG/dt = 0.5A/µs Tj=25 °C TYP 2 µs IL IG= 1.2 IGT Tj=25 °C TYP 50 mA IH IT= 100mA gate open Tj=25 °C MAX 30 mA VTM ITM= 20A tp= 380 µs Tj=25 °C MAX 1.6 V IDRM IRRM VDRM Rated VRRM Rated Tj=25 °C MAX 0.01 mA Tj= 110 °C2 dV/dt Linear slope up to VD=67%VDRM gate open Tj= 110 °C MIN 200 V/ µs tq VD=67%VDRM ITM= 20A VR= 25V dITM/dt=30 A/µsdVD/dt= 50V/µs Tj= 110 °C TYP 70 µs PG (AV) =1W PGM = 10W (tp = 20 µs) IFGM =4A (tp =20 µs) VRGM =5 V. ELECTRICAL CHARACTERISTICS THERMAL RESISTANCES TYN 0510 ---> TYN 1010 2/4 |