| データシートサーチシステム |
|
ZP-11ALH データシート(PDF) 2 Page - Mini-Circuits |
|
|
|||||||||||||||||||||||||||||
ZP-11ALH データシート(HTML) 2 Page - Mini-Circuits |
|
2 / 2 page ![]() The Design Engineers Search Engine Provides Actual Data Instantly At: http://www.minicircuits.com In Stock... Immediate Delivery For Custom Versions Of Standard Models Consult Our Applications Dept. Mini-Circuits ® ® 99 pin and coaxial connections see case style outline drawings for pin locations PORT d h j m s z aa ad af ag ah LO 888814112 L 4 RF 1 1 3,4^ 181421 R 2 IF 3,4^ 3,4^ 1332233 X 1 GND EXT. 2,5,6,7 2,5,6,7 2,5,6,7 2,5,6,7 2,5,6,7 3 3 — — — 3 CASE GND — 2,5,6 2,5,6,7 2,5,6,7 2,5,6,7 3 3 — — — 3 NOT USED — — — 4 4 —————— ^ pins must be connected together externally ZMX ZP ZFM ZMX-7GLHR*** 3700-7000 DC-1500 5.4 .30 — 8.5 33 (Typ.) 20 (Min.) 35 (Typ.) 20 (Min.)BU413 af 71.95 ZMX-8GLH*** 3700-8000 DC-2000 5.5 .20 — 8.5 40 (Typ.) 20 (Min.) 18 (Typ.) 8 (Min.) BU413ad 74.95 ZP-1LH 2-600 DC-600 6.0 .17 7.0 8.0 70 50 50 30 42 25 65 45 50 30 41 22 GG60 ag 41.95 ZP-3LH 0.15-400 DC-400 4.8 .37 7.0 8.0 67 50 51 30 40 25 67 40 45 25 34 20 GG60 ag 41.95 ZP-5LH 20-1500 DC-1000 6.9 .27 8.5 9.0 53 40 42 30 38 25 40 25 30 18 22 8 GG60 ag 45.95 ZP-11ALH 1400-1900 40-500 7.0 .20 8.6 8.6 36 (Typ.) 20 (Min.) 28 (Typ.) 15 (Min.) GG60 ag 45.95 ZP-860LH 800-1050 DC-250 6.3 .27 7.9 7.9 35 (Typ.) 25 (Min.) 27 (Typ.) 18 (Min.) GG60 ag 45.95 ZFM-15 10-3000 10-800 6.13 .14 8.0 8.5 35 25 35 25 35 25 30 20 30 20 30 20 K18 ad 89.95 ZFM-150** 10-2000 DC-1000 6.05 .12 8.0 8.0 32 25 35 25 35 20 33 20 30 20 25 20 K18 ad 69.95 L = low range [f L to 10 fL] M = mid range [10 f L to fU/2] U = upper range [f U/2 to fU] m = mid band [2f L to fU/2] +10 dBm LO, up to +5 dBm RF C O N N E C T I O N L Typ. Min. M Typ. Min. LO-RF ISOLATION, dB LO-IF ISOLATION, dB U Typ. Min. CASE STYLE Qty. (1-9) PRICE $ L Typ. Min. Total Range Max. CONVERSION LOSS dB Max. σσσσσ Mid-Band m FREQUENCY MHz IF LO/RF f L-fU MODEL NO. U Typ. Min. M Typ. Min. _ x Note B Coaxial t |