| データシートサーチシステム |
|
CDB5521 データシート(PDF) 18 Page - Cirrus Logic |
|
|
|||||||||||||||||||||||||||||
CDB5521 データシート(HTML) 18 Page - Cirrus Logic |
|
18 / 28 page ![]() CDB5521/22/23/24/28 18 DS317DB2 • Config See description in Section 2.6, Histogram Win- dow Overview. • FREQUENCY Displays the x-axis value of the cursor on the FFT display. • MAGNITUDE Displays the y-axis value of the cursor on the FFT display. • Output See description in Section 2.6, Histogram Win- dow Overview. • S/D Indicator for the Signal-to-Distortion Ratio, 4 harmonics are used in the calculations (deci- bels). • S/N+D Indicator for the Signal-to-Noise + Distortion Ratio (decibels). • SNR Indicator for the Signal-to-Noise Ratio, first 4 harmonics are not included (decibels). • S/PN Indicator for the Signal-to-Peak Noise Ratio (decibels). • ZOOM See description in Section 2.6, Histogram Win- dow Overview. • # of AVG Displays the number of FFT’s averaged in the current display. 2.8 Time Domain Window Overview The following controls and indicators are associat- ed with the Time Domain Analysis (Figure 10). • CANCEL See description in Section 2.6, Histogram Win- dow Overview. • Channel See description in Section 2.6, Histogram Win- dow Overview. • COLLECT See description in Section 2.6, Histogram Win- dow Overview. • Config See description in Section 2.6, Histogram Win- dow Overview. • COUNT Displays current x-position of the cursor on the time domain display. • MAGNITUDE Displays current y-position of the cursor on the time domain display. • MAXIMUM Indicator for the maximum value of the collect- ed data set. • MINIMUM Indicator for the minimum value of the collect- ed data set. • Output See description in Section 2.6, Histogram Win- dow Overview. • ZOOM See description in Section 2.6, Histogram Win- dow Overview. |