データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CDB61884 データシート(PDF) 21 Page - Cirrus Logic

部品番号 CDB61884
部品情報  Octal T1/E1/J1 Line Interface Evaluation Board
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  CIRRUS [Cirrus Logic]
ホームページ  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CDB61884 データシート(HTML) 21 Page - Cirrus Logic

Back Button CDB61884 Datasheet HTML 14Page - Cirrus Logic CDB61884 Datasheet HTML 15Page - Cirrus Logic CDB61884 Datasheet HTML 16Page - Cirrus Logic CDB61884 Datasheet HTML 17Page - Cirrus Logic CDB61884 Datasheet HTML 18Page - Cirrus Logic CDB61884 Datasheet HTML 19Page - Cirrus Logic CDB61884 Datasheet HTML 20Page - Cirrus Logic CDB61884 Datasheet HTML 21Page - Cirrus Logic CDB61884 Datasheet HTML 22Page - Cirrus Logic  
Zoom Inzoom in Zoom Outzoom out
 21 / 22 page
background image
CDB61884
DS485DB1
21
7. EVALUATION HINTS
– Pin #1 of the socket is indicated by an arrow with U1 below it.
– A short in the desired position must be placed on Jumper J13 to connect the CS61884 to one of the
power supply binding post. LED D3 will illuminate when jumper J13 is connected to a power supply.
– Before selecting any host mode place the CBLSEL, LOOP, ADDRESS, LEN and JASEL switches in
the open or none position.
– When using the CS61884 device in internal match impedance mode, be sure that the 1 K
Ω resistors
are not in series with the receivers.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22