| データシートサーチシステム |
|
MCP2155 データシート(PDF) 27 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
MCP2155 データシート(HTML) 27 Page - Microchip Technology |
|
27 / 34 page ![]() 2004 Microchip Technology Inc. Preliminary DS21894B-page 27 MCP2122 6.0 PACKAGING INFORMATION 6.1 Package Marking Information Example : GMCP2122 E/P256 0423 MCP2122 E/P 256 0503 Or 8-Lead PDIP (300 mil) Legend: XX...X Customer specific information* Y Year code (last digit of calendar year) YY Year code (last 2 digits of calendar year) WW Week code (week of January 1 is week ‘01’) NNN Alphanumeric traceability code Note: In the event the full Microchip part number cannot be marked on one line, it will be carried over to the next line thus limiting the number of available characters for customer specific information. * Standard device marking consists of Microchip part number, year code, week code, and traceability code. XXXXXXXX XXXXXNNN YYWW 8-Lead SOIC (150 mil) Example: XXXXXXXX XXXXYYWW NNN GMCP2122 E/SN0423 256 MCP2122E SN 0503 256 Or 3 3 |