データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LAP47B データシート(PDF) 12 Page - ams AG

部品番号 LAP47B
部品情報  With a diameter of just 2 mm, the PointLED is one of the smallest packages in its class and achieves high luminous efficacies.
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AMSCO [ams AG]
ホームページ  http://www.ams.com
Logo AMSCO - ams AG

LAP47B データシート(HTML) 12 Page - ams AG

Back Button LAP47B Datasheet HTML 8Page - ams AG LAP47B Datasheet HTML 9Page - ams AG LAP47B Datasheet HTML 10Page - ams AG LAP47B Datasheet HTML 11Page - ams AG LAP47B Datasheet HTML 12Page - ams AG LAP47B Datasheet HTML 13Page - ams AG LAP47B Datasheet HTML 14Page - ams AG LAP47B Datasheet HTML 15Page - ams AG LAP47B Datasheet HTML 16Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 23 page
background image
LA P47B
12 Version 1.2 | 2019-07-16
Recommended Solder Pad 9)
Recommended Solder Pad 9)
For superior solder joint connectivity results we recommend soldering under standard nitrogen atmosphere. Package not
suitable for ultra sonic cleaning.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23