| データシートサーチシステム |
|
SMHF2805DF/KO データシート(PDF) 9 Page - Interpoint Corporation Company |
|
|
|||||||||||||||||||||||||||||
SMHF2805DF/KO データシート(HTML) 9 Page - Interpoint Corporation Company |
|
9 / 12 page ![]() 41 DC/DC CONVERTERS SMHF SERIES SINGLE AND DUAL 15 WATT Materials Header Cold Rolled Steel/Nickel/Gold Cover MHF+ Series and FMH Filter Kovar/Nickel SMHF Cold Rolled Steel/Nickel Pins #52 alloy (all cases) compression glass seal Case dimensions in inches (mm) Tolerance ±0.005 (0.13) for three decimal places ±0.01 (0.2) for two decimal places unless otherwise specified CASE G BOTTOM VIEW Flanged package See Figure 24 for pin configuration 2.005 max (50.93) 1.130 max (28.70) Squared corner and dot on top of case indicate pin one. CAUTION Heat from reflow or wave soldering may damage the device. Solder pins individually with heat application not exceeding 300 °C for 10 seconds per pin. Flange Thickness: 0.047 (1.19) FIGURE 23: CASE G MAXIMUM DIMENSIONS 0.128 dia (3.25) 0.030 dia. (0.76) Flanged cases: Designator "F" required in Case Option position of model number SMHF Series Single and Dual BOTTOM VIEW CASE G1 0.000 0.160 (4.06) 0.960 (24.38) 12 3 4 5 87 6 0.560 (14.22) Squared corner and dot on top of case indicate pin one. Projection Weld FIGURE 24: CASE G1 |