| データシートサーチシステム |
|
HD404828RFS データシート(PDF) 82 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
HD404828RFS データシート(HTML) 82 Page - Renesas Technology Corp |
|
82 / 149 page ![]() HD404829R Series 80 Bit Initial value Read/Write Bit name 3 0 W ESR23 2 0 W ESR22 0 0 W ESR20 1 0 W ESR21 Detection edge register 2 (ESR2: $027) ESR21 0 1 ESR20 0 1 0 1 INT4 detection edge No detection Falling-edge detection Rising-edge detection Double-edge detection ESR23 0 1 ESR22 0 1 0 1 EVND detection edge No detection Falling-edge detection Rising-edge detection Double-edge detection Note: Both falling and rising edges are detected. ** * Figure 69 Detection Edge Select Register 2 (ESR2) |