データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MCP6241-E/MS データシート(PDF) 10 Page - Microchip Technology

部品番号 MCP6241-E/MS
部品情報  50 uA, 650 kHz Rail-to-Rail Op Amp
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MICROCHIP [Microchip Technology]
ホームページ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP6241-E/MS データシート(HTML) 10 Page - Microchip Technology

Back Button MCP6241-E/MS Datasheet HTML 6Page - Microchip Technology MCP6241-E/MS Datasheet HTML 7Page - Microchip Technology MCP6241-E/MS Datasheet HTML 8Page - Microchip Technology MCP6241-E/MS Datasheet HTML 9Page - Microchip Technology MCP6241-E/MS Datasheet HTML 10Page - Microchip Technology MCP6241-E/MS Datasheet HTML 11Page - Microchip Technology MCP6241-E/MS Datasheet HTML 12Page - Microchip Technology MCP6241-E/MS Datasheet HTML 13Page - Microchip Technology MCP6241-E/MS Datasheet HTML 14Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
MCP6241/2
DS21882B-page 10
 2004 Microchip Technology Inc.
5.0
DESIGN TOOLS
Microchip provides the basic design tools needed for
the MCP6241/2 family of op amps.
5.1
SPICE Macro Model
The latest SPICE macro model for the MCP6241/2 op
amps
is
available
on
our
web
site
at
www.microchip.com. This model is intended to be an
initial design tool that works well in the op amp’s linear
region of operation at room temperature. See the model
file for information on its capabilities.
Bench testing is a very important part of any design and
cannot be replaced with simulations. Also, simulation
results using this macro model need to be validated by
comparing them to the data sheet specifications and
characteristic curves.
5.2
FilterLab® Software
The FilterLab software is an innovative tool that
simplifies analog active-filter (using op amps) design.
Available free of charge from our web site at
www.microchip.com, the FilterLab software active-filter
design tool provides full schematic diagrams of the filter
circuit with component values. It also outputs the filter
circuit in SPICE format, which can be used with the
macro model to simulate actual filter performance.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20