データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

GTRA364002FC-V1-R2 データシート(PDF) 4 Page - WOLFSPEED, INC.

部品番号 GTRA364002FC-V1-R2
部品情報  Thermally-Enhanced High Power RF GaN on SiC HEMT 400 W, 48 V, 3400 – 3600 MHz
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  WOLFSPEED [WOLFSPEED, INC.]
ホームページ  https://www.wolfspeed.com/
Logo WOLFSPEED - WOLFSPEED, INC.

GTRA364002FC-V1-R2 データシート(HTML) 4 Page - WOLFSPEED, INC.

  GTRA364002FC-V1-R2 Datasheet HTML 1Page - WOLFSPEED, INC. GTRA364002FC-V1-R2 Datasheet HTML 2Page - WOLFSPEED, INC. GTRA364002FC-V1-R2 Datasheet HTML 3Page - WOLFSPEED, INC. GTRA364002FC-V1-R2 Datasheet HTML 4Page - WOLFSPEED, INC. GTRA364002FC-V1-R2 Datasheet HTML 5Page - WOLFSPEED, INC. GTRA364002FC-V1-R2 Datasheet HTML 6Page - WOLFSPEED, INC. GTRA364002FC-V1-R2 Datasheet HTML 7Page - WOLFSPEED, INC. GTRA364002FC-V1-R2 Datasheet HTML 8Page - WOLFSPEED, INC.  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
GTRA364002FC
4
Rev. 04.3, 2022-1-27
© 2022 Wolfspeed, Inc. All rights reserved. Wolfspeed® and the Wolfstreak logo are registered trademarks and the Wolfspeed logo is a trademark of Wolfspeed, Inc.
The information in this document is subject to change without notice.
4600 Silicon Drive | Durham, NC 27703 | Tel: +1.919.313.5300
Typical Performance (cont.)
Figure 5. CW Performance at various V
DD
Figure 6. CW Performance Small Signal
Gain & Input Return Loss
0
10
20
30
40
50
60
9
10
11
12
13
14
15
29
33
37
41
45
49
53
57
Output Power (dBm)
CW Performance at various VDD
IDQ(MAIN) = 220 mA, VGS(PEAK) = -5.8 V,
ƒ = 3600 MHz
52 V Gain
48 V Gain
44 V Gain
52 V Eff
48 V Eff
44 V Eff
gtra364002fc_g6
-11
-10
-9
-8
-7
-6
-5
-4
10
11
12
13
14
15
16
17
3300
3400
3500
3600
3700
Frequency (MHz)
CW Performance Small Signal
Gain & Input Return Loss
VDD = 48 V, IDQ(MAIN) = 220 mA, VGSPEAK = -5.8 V
IRL
Gain
gtra364002fc_g7
0
10
20
30
40
50
60
9
10
11
12
13
14
15
29
33
37
41
45
49
53
57
Output Power (dBm)
CW Performance at various VDD
IDQ(MAIN) = 220 mA, VGS(PEAK) = -5.8 V,
ƒ = 3600 MHz
52 V Gain
48 V Gain
44 V Gain
52 V Eff
48 V Eff
44 V Eff
gtra364002fc_g6
-11
-10
-9
-8
-7
-6
-5
-4
10
11
12
13
14
15
16
17
3300
3400
3500
3600
3700
Frequency (MHz)
CW Performance Small Signal
Gain & Input Return Loss
VDD = 48 V, IDQ(MAIN) = 220 mA, VGSPEAK = -5.8 V
IRL
Gain
gtra364002fc_g7
Load Pull Performance
Main Side Load Pull Performance – Pulsed CW signal: 10 µs, 10% duty cycle, 48 V, I
DQ = 220 mA, class AB
Peak Side Load Pull Performance – Pulsed CW signal: 10 µs, 10% duty cycle, 48 V, I
DQ = 280 mA, class AB
P
3dB
Max Output Power
Max Drain Efficiency
Freq
[MHz]
Zs [W]
Zl [W]
Gain
[dB]
P
3dB
[dBm]
P
3dB [W]
hD [%]
Zl [W]
Gain
[dB]
P
3dB
[dBm]
P
3dB [W]
hD [%]
3400
9.0-j3.4
4.3-j6.5
15.3
53.90
245
62.5
1.7-j3.5
17.3
52.40
174
74.0
3500
5.0-j5.2
3.8-j7.0
15.4
54.00
251
63.9
2.2-j5.0
17.4
52.10
162
76.0
3600
3.5-j7.0
4.4-j7.1
14.9
53.80
240
61.2
2.4-j5.2
16.8
52.10
162
74.0
P
3dB
Max Output Power
Max Drain Efficiency
Freq
[MHz]
Zs [W]
Zl [W]
Gain
[dB]
P
3dB
[dBm]
P
3dB [W]
hD [%]
Zl [W]
Gain
[dB]
P
3dB
[dBm]
P
3dB [W]
hD [%]
3400
16.5-j22
3.1-j6.2
15.6
55.10
324
59.0
2.1-j4.4
17.8
53.70
234
70.0
3500
20-j13
2.8-j6.6
15.8
55.10
324
59.5
1.9-j4.7
18.3
53.00
200
69.0
3600
15.7-j7.4
3.7-j6.8
15.3
54.90
309
56.0
2.0-j4.8
17.5
53.00
200
66.0
0
10
20
30
40
50
60
9
10
11
12
13
14
15
29
33
37
41
45
49
53
57
Output Power (dBm)
CW Performance at various VDD
IDQ(MAIN) = 220 mA, VGS(PEAK) = -5.8 V,
ƒ = 3600 MHz
52 V Gain
48 V Gain
44 V Gain
52 V Eff
48 V Eff
44 V Eff
gtra364002fc_g6



Html Pages

1 2 3 4 5 6 7 8