データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

GTRA412852FC-V1-R2 データシート(PDF) 4 Page - WOLFSPEED, INC.

部品番号 GTRA412852FC-V1-R2
部品情報  Thermally-Enhanced High Power RF GaN on SiC HEMT 235 W, 48 V, 3700 – 4100 MHz
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  WOLFSPEED [WOLFSPEED, INC.]
ホームページ  https://www.wolfspeed.com/
Logo WOLFSPEED - WOLFSPEED, INC.

GTRA412852FC-V1-R2 データシート(HTML) 4 Page - WOLFSPEED, INC.

  GTRA412852FC-V1-R2 Datasheet HTML 1Page - WOLFSPEED, INC. GTRA412852FC-V1-R2 Datasheet HTML 2Page - WOLFSPEED, INC. GTRA412852FC-V1-R2 Datasheet HTML 3Page - WOLFSPEED, INC. GTRA412852FC-V1-R2 Datasheet HTML 4Page - WOLFSPEED, INC. GTRA412852FC-V1-R2 Datasheet HTML 5Page - WOLFSPEED, INC. GTRA412852FC-V1-R2 Datasheet HTML 6Page - WOLFSPEED, INC. GTRA412852FC-V1-R2 Datasheet HTML 7Page - WOLFSPEED, INC. GTRA412852FC-V1-R2 Datasheet HTML 8Page - WOLFSPEED, INC. GTRA412852FC-V1-R2 Datasheet HTML 9Page - WOLFSPEED, INC. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
GTRA412852FC
4
Rev. 03.1, 2022-1-27
© 2022 Wolfspeed, Inc. All rights reserved. Wolfspeed® and the Wolfstreak logo are registered trademarks and the Wolfspeed logo is a trademark of Wolfspeed, Inc.
The information in this document is subject to change without notice.
4600 Silicon Drive | Durham, NC 27703 | Tel: +1.919.313.5300
Typical RF Performance, 3800 – 4100 MHz (cont.)
Figure 9. Pulsed CW Performance at Various V
DD
0
10
20
30
40
50
60
10
11
12
13
14
15
16
27
32
37
42
47
52
57
Output Power (dBm)
Pulsed CW Performance at various VDD
IDQ(MAIN) = 144 mA, VGS(PEAK) = –6.0V,
ƒ = 4100 MHz
44 V - Gain
48 V - Gain
52 V - Gain
44 V - Efficiency
48 V - Efficiency
52 V - Efficiency
gtra412852fc-4100_gr6
-25
-20
-15
-10
-5
8
10
12
14
16
3600
3800
4000
4200
Frequency (MHz)
CW Performance Small Signal
Gain & Input Return Loss
VDD = 48 V, IDQ(MAIN) = 144 mA,
VGSPEAK = -6.0 V
IRL
Gain
gtra412852fc-gr7
0
10
20
30
40
50
60
10
11
12
13
14
15
16
27
32
37
42
47
52
57
Output Power (dBm)
Pulsed CW Performance at various VDD
IDQ(MAIN) = 144 mA, VGS(PEAK) = –6.0V,
ƒ = 4100 MHz
44 V - Gain
48 V - Gain
52 V - Gain
44 V - Efficiency
48 V - Efficiency
52 V - Efficiency
gtra412852fc-4100_gr6
-25
-20
-15
-10
-5
8
10
12
14
16
3600
3800
4000
4200
Frequency (MHz)
CW Performance Small Signal
Gain & Input Return Loss
VDD = 48 V, IDQ(MAIN) = 144 mA,
VGSPEAK = -6.0 V
IRL
Gain
gtra412852fc-gr7
Figure 10. CW Performance Small Signal
Gain & Input Return Loss
Load Pull Performance
Main Side – pulsed CW signal: 10 µsec pulse width, 10% duty cycle, 48 V, 144 mA, class AB
Peak Side – pulsed CW signal: 10 µsec pulse width, 10% duty cycle, 48 V, 216 mA, class AB
P
3dB
Max Output Power
Max Drain Efficiency
Freq
[MHz]
Zs [W]
Zl [W]
Gain
[dB]
P
OUT
[dBm]
P
OUT [W]
PAE [%]
Zl [W]
Gain
[dB]
P
OUT
[dBm]
P
OUT [W]
PAE [%]
3800
8.3 – j8.8
5.6– j1.3
17.8
51.53
142
55.3
6.9 – j3.3
18.8
51.05
127
64.9
3900
8.0 – j11.2
4.9 – j1.8
17.1
51.42
139
53.6
8.7 – j2.7
18.9
50.06
101
62.8
4000
6.6 – j13.4
3.2 – j2.8
15.9
51.50
141
52.7
8.6 – j2.7
17.6
49.54
90
65.3
4100
5.8 – j15.9
3.4 – j3.5
15.9
51.45
140
55.8
7.4 – j1.6
17.3
49.63
92
64.7
P
3dB
Max Output Power
Max Drain Efficiency
Freq
[MHz]
Zs [W]
Zl [W]
Gain
[dB]
P
OUT
[dBm]
P
OUT [W]
PAE [%]
Zl [W]
Gain
[dB]
P
OUT
[dBm]
P
OUT [W]
PAE [%]
3800
10.4 – j13.6
5.8 – j12.6
14.5
53.30
214
50.4
4 – j9.2
16.3
52.08
161
60.2
3900
9.4 – j15.7
7.2 – j9.1
14.4
53.20
214
55.6
4.7 – j7.5
15.1
52.13
163
62.1
4000
8.2 – j17.2
5.6 – j12
14.3
53.50
224
53.9
4 – j8.8
15.3
52.15
164
62.2
4100
6.4 – j18.2
5.5 – j12.8
14.3
53.10
204
55.4
4.5 – j11.2
14.8
52.30
170
59.5
0
10
20
30
40
50
60
10
11
12
13
14
15
16
27
32
37
42
47
52
57
Output Power (dBm)
Pulsed CW Performance at various VDD
IDQ(MAIN) = 144 mA, VGS(PEAK) = –6.0V,
ƒ = 4100 MHz
44 V - Gain
48 V - Gain
52 V - Gain
44 V - Efficiency
48 V - Efficiency
52 V - Efficiency
gtra412852fc-4100_gr6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14