| データシートサーチシステム |
|
IRS2011STRPBF データシート(PDF) 19 Page - International Rectifier |
|
|
|||||||||||||||||||||||||||||
IRS2011STRPBF データシート(HTML) 19 Page - International Rectifier |
|
19 / 19 page ![]() www.irf.com 19 IRS2011(S)PbF ORDER INFORMATION 8-Lead PDIP IRS2011PbF 8-Lead SOIC IRS2011SPbF 8-Lead SOIC Tape & Reel IRS2011STRPbF WORLD HEADQUARTERS: 233 Kansas Street, El Segundo, California 90245 Tel: (310) 252-7105 LEADFREE PART MARKING INFORMATION Lead Free Released Non-Lead Free Released Part number Date code IRxxxxxx YWW? ?XXXX Pin 1 Identifier IR logo Lot Code (Prod mode - 4 digit SPN code) Assembly site code Per SCOP 200-002 P ? MARKING CODE S SOIC-8 package is MSL2 qualified. This product has been designed and qualified for the industrial level. Qualification standards can be found on IR's Web Site http://www.irf.com/ Data and specifications subject to change without notice. 12/4/2006 |