| データシートサーチシステム |
|
PEMH2 データシート(PDF) 3 Page - Nexperia B.V. All rights reserved |
|
|
|||||||||||||||||||||||||||||
PEMH2 データシート(HTML) 3 Page - Nexperia B.V. All rights reserved |
|
3 / 15 page ![]() PEMH2_PUMH2 All information provided in this document is subject to legal disclaimers. © NXP B.V. 2011. All rights reserved. Product data sheet Rev. 5 — 5 December 2011 2 of 14 NXP Semiconductors PEMH2; PUMH2 NPN/NPN resistor-equipped transistors; R1 = 47 k , R2 = 47 k 2. Pinning information 3. Ordering information 4. Marking [1] * = placeholder for manufacturing site code Table 3. Pinning Pin Description Simplified outline Graphic symbol 1 GND (emitter) TR1 2 input (base) TR1 3 output (collector) TR2 4 GND (emitter) TR2 5 input (base) TR2 6 output (collector) TR1 001aab555 6 4 5 1 3 2 65 4 1 23 R2 TR1 TR2 R1 R2 R1 sym063 Table 4. Ordering information Type number Package Name Description Version PEMH2 - plastic surface-mounted package; 6 leads SOT666 PUMH2 SC-88 plastic surface-mounted package; 6 leads SOT363 Table 5. Marking codes Type number Marking code[1] PEMH2 Z2 PUMH2 2*H |