データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

BCC06FN データシート(PDF) 2 Page - Balluff Korea Ltd.

部品番号 BCC06FN
部品情報  Double-Ended Cordsets
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  BALLUFF [Balluff Korea Ltd.]
ホームページ  https://www.balluff.com/en/kr/home/
Logo BALLUFF - Balluff Korea Ltd.

BCC06FN データシート(HTML) 2 Page - Balluff Korea Ltd.

  BCC06FN Datasheet HTML 1Page - Balluff Korea Ltd. BCC06FN Datasheet HTML 2Page - Balluff Korea Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Double-Ended Cordsets
BCC A315-A315-30-335-PX05A5-020
Order Code: BCC06FN
Internet
www.balluff.com
eCl@ss 9.1: 27-06-03-11
Subject to change without notice: 178655
ETIM 6.0: EC001855
BCC06FN_0.85_2022-07-16
2 / 2
Remarks
Cable construction acc. to UL-AWM Style 20234
Halogen-free
Silicone-free
Flame-retarding
Enclosure rating per IEC 60529, only in screwed state with the associated mating piece.
Connector Drawings
I
PIN 1: black
PIN 2: blue
PIN 3: green/yellow
PIN 4: brown
PIN 5: white
II
PIN 1: black
PIN 2: blue
PIN 3: green/yellow
PIN 4: brown
PIN 5: white
Wiring Diagrams



Html Pages

1 2