| データシートサーチシステム |
|
WM8987LGECO/V データシート(PDF) 20 Page - Wolfson Microelectronics plc |
|
|
|||||||||||||||||||||||||||||
WM8987LGECO/V データシート(HTML) 20 Page - Wolfson Microelectronics plc |
|
20 / 58 page ![]() WM8987L Pre-Production w PP Rev 3.0 January 2007 20 ANALOGUE TO DIGITAL CONVERTER (ADC) The WM8987L uses a multi-bit, oversampled sigma-delta ADC for each channel. The use of multi-bit feedback and high oversampling rates reduces the effects of jitter and high frequency noise. The ADC Full Scale input level is proportional to AVDD. With a 3.3V supply voltage, the full scale level is 1.0 Volts r.m.s. Any voltage greater than full scale may overload the ADC and cause distortion. ADC DIGITAL FILTER The ADC filters perform true 24 bit signal processing to convert the raw multi-bit oversampled data from the ADC to the correct sampling frequency to be output on the digital audio interface. The digital filter path is illustrated in Figure 9. FROM ADC DIGITAL HPF DIGITAL FILTER TO DIGITAL AUDIO INTERFACE DIGITAL DECIMATOR ADCHPD Figure 9 ADC Digital Filter The ADC digital filters contain a digital high pass filter, selectable via software control. The high-pass filter response is detailed in the Digital Filter Characteristics section. When the high-pass filter is enabled the dc offset is continuously calculated and subtracted from the input signal. By setting HPOR, the last calculated dc offset value is stored when the high-pass filter is disabled and will continue to be subtracted from the input signal. If the DC offset is changed, the stored and subtracted value will not change unless the high-pass filter is enabled. This feature can be used for calibration purposes. In addition the high pass filter may be enabled separately on the left and right channels (see Table 11). The output data format can be programmed by the user to accommodate stereo or monophonic recording on both inputs. The polarity of the output signal can also be changed under software control. The software control is shown in Table 10. |