| データシートサーチシステム |
|
ES-511 データシート(PDF) 3 Page - Black Box Registered Trademark |
|
|
|||||||||||||||||||||||||||||
ES-511 データシート(HTML) 3 Page - Black Box Registered Trademark |
|
3 / 6 page ![]() UK +44 (0)151 220 2500 // USA +1 (919) 241 8487 www.brainboxes.com // sales@brainboxes.com Ethernet Port Pin Outs PIN FUNCTION 1 RD+ / TD+ 2 RD- / TD- 3 TD+ / RD+ 4 NC 5 NC 6 TD- / RD- 7 NC 8 NC Lifetime Warranty and Support: We can help with every aspect of your project, from getting you up and running to custom application. Industrial Ethernet to Serial ES-511 Housing IP-20 rated non-conducting polyamide case Yellow Block Pin 1 Pin 2 Pin 3 Pin 4 Pin 5 RS232 Sig GND CTS RxD RTS TxD RS422/485 FD Sig GND RxD- RxD+ TxD+ TxD- RS485 HD Sig GND Data+ Data- Black Block Pin 1 Pin 2 Pin 3 Pin 4 Pin 5 Power -V +V A +V B -V Func GND Terminal Block Pin Outs: Yellow Block= Port 1 |