| データシートサーチシステム |
|
DM15FY151KO3-RHR02 データシート(PDF) 17 Page - Sharma Electro Components,Inc |
|
|
|||||||||||||||||||||||||||||
DM15FY151KO3-RHR02 データシート(HTML) 17 Page - Sharma Electro Components,Inc |
|
17 / 18 page ![]() CAPACITANCE VOLTAGE VALUE in pF 500 V DC 300 V DC Lmax. W max. T max Lmax. W max. T max 5,100 F 19.81 21.84 7.11 5,600 - 6,200 F 19.81 22.10 7.37 6,800 F 19.81 22.10 7.62 7,500 F 20.07 22.35 7.87 19.81 21.84 6.86 8,200 F 20.07 22.35 8.13 19.81 21.84 7.11 9,100 F 20.07 22.35 8.38 19.81 22.10 7.11 10,000 F 20.32 22.61 8.64 19.81 22.10 7.37 11,000 F 20.32 22.61 8.89 19.81 22.10 7.62 12,000 F 20.32 22.61 9.14 20.07 22.35 7.87 13,000 F 20.57 22.61 9.40 20.07 22.35 7.87 15,000 F 20.57 22.86 9.91 20.07 22.35 8.38 16,000 F 20.83 22.86 10.41 20.32 22.61 8.64 18,000 F 20.83 23.11 10.92 20.32 22.61 9.14 20,000 F 21.08 23.37 11.43 20.57 22.61 9.40 CAPACITANCE VOLTAGE VALUE in pF 500 V DC 300 V DC Lmax. W max. T max Lmax. W max. T max 5,100 F 0.780 0.860 0.280 5,600 - 6,200 F 0.780 0.870 0.290 6,800 F 0.780 0.870 0.300 7,500 F 0.790 0.880 0.310 0.780 0.860 0.270 8,200 F 0.790 0.880 0.320 0.780 0.860 0.280 9,100 F 0.790 0.880 0.330 0.780 0.870 0.280 10,000 F 0.800 0.890 0.340 0.780 0.870 0.290 11,000 F 0.800 0.890 0.350 0.780 0.870 0.300 12,000 F 0.800 0.890 0.360 0.790 0.880 0.310 13,000 F 0.810 0.890 0.370 0.790 0.880 0.310 15,000 F 0.810 0.900 0.390 0.790 0.880 0.330 16,000 F 0.820 0.900 0.410 0.800 0.890 0.340 18,000 F 0.820 0.910 0.430 0.800 0.890 0.360 20,000 F 0.830 0.920 0.450 0.810 0.890 0.370 DM 30 / CM07 Mica Capacitors CAPACITANCE VOLTAGE VALUE in pF 500 V DC 300 V DC 100 V DC Lmax. W max. T max Lmax. W max. T max Lmax. W max. T max 16,000 F 35.81 22.10 7.11 18,000 F 35.81 22.10 7.37 20,000 F 36.07 22.10 7.62 22,000 F 36.07 22.35 7.87 36.07 22.10 7.37 24,000 F 36.32 22.35 8.13 36.07 22.10 7.62 27,000 F 36.32 22.35 8.38 36.07 22.35 7.87 35.81 22.10 7.11 30,000 F 36.58 22.61 8.89 36.32 22.35 8.13 35.81 22.10 7.37 33,000 F 36.58 22.61 9.14 36.32 22.35 8.64 36.07 22.10 7.62 36,000 F 36.83 22.86 9.65 36.58 22.61 8.89 36.07 22.35 7.87 39,000 F 36.83 22.86 10.16 36.58 22.61 9.14 36.32 22.35 8.13 43,000 F 37.08 23.11 10.67 36.83 22.86 9.40 36.32 22.35 8.38 47,000 F 37.34 23.11 11.43 36.83 22.86 9.91 36.32 22.61 8.64 51,000 F 37.59 23.37 11.94 37.08 22.86 10.16 36.58 22.61 9.14 56,000 F 37.08 23.11 10.67 36.58 22.86 9.40 62,000 F 37.34 23.37 11.43 36.83 22.86 9.91 68,000 F 37.59 23.37 11.94 37.08 22.86 10.41 75,000 F 37.34 23.11 11.18 82,000 F 37.59 23.37 11.68 CAPACITANCE VOLTAGE VALUE in pF 500 V DC 300 V DC 100 V DC Lmax. W max. T max Lmax. W max. T max Lmax. W max. T max 16,000 F 1.410 0.870 0.280 18,000 F 1.410 0.870 0.290 20,000 F 1.420 0.870 0.300 22,000 F 1.420 0.880 0.310 1.420 0.870 0.290 24,000 F 1.430 0.880 0.320 1.420 0.870 0.300 27,000 F 1.430 0.880 0.330 1.420 0.880 0.310 1.410 0.870 0.280 30,000 F 1.440 0.890 0.350 1.430 0.880 0.320 1.410 0.870 0.290 33,000 F 1.440 0.890 0.360 1.430 0.880 0.340 1.420 0.870 0.300 36,000 F 1.450 0.900 0.380 1.440 0.890 0.350 1.420 0.880 0.310 39,000 F 1.450 0.900 0.400 1.440 0.890 0.360 1.430 0.880 0.320 43,000 F 1.460 0.910 0.420 1.450 0.900 0.370 1.430 0.880 0.330 47,000 F 1.470 0.910 0.450 1.450 0.900 0.390 1.430 0.890 0.340 51,000 F 1.480 0.920 0.470 1.460 0.900 0.400 1.440 0.890 0.360 56,000 F 1.460 0.910 0.420 1.440 0.900 0.370 62,000 F 1.470 0.920 0.450 1.450 0.900 0.390 68,000 F 1.480 0.920 0.470 1.460 0.900 0.410 75,000 F 1.470 0.910 0.440 82,000 F 1.480 0.920 0.460 DM42 Case Dimensions in Millimeters Lead Spacing: 26.99 ± 0.8mm DM42 Case Dimensions in Inches Lead Spacing: 1.063 ± 0.031” DM30 CM07 Case Dimensions in Millimeters Lead Spacing: 11.11 ± 0.8mm DM30 CM07 Case Dimensions in Inches Lead Spacing: 0.438 ± 0.031” DM 42 Mica Capacitors Note: Bold Outlined Sections indicate SHARMA Standard items. Note: Bold Outlined Sections indicate S HARMA Standard items. DIMENSIONS: LL = 31.75 mm (1.25”) min. Sharma Mica Capacitors Page 17 Tel: (949)642-7324 SECI Engineers & Buyers' Guide Fax: (949)642-7327 |