| データシートサーチシステム |
|
74LVC2G53 データシート(PDF) 2 Page - Nexperia B.V. All rights reserved |
|
|
|||||||||||||||||||||||||||||
74LVC2G53 データシート(HTML) 2 Page - Nexperia B.V. All rights reserved |
|
2 / 23 page ![]() Nexperia 74LVC2G53 2-channel analog multiplexer/demultiplexer 4. Marking Table 2. Marking codes Type number Marking code[1] 74LVC2G53DP V53 74LVC2G53DC V53 74LVC2G53GT V53 74LVC2G53GN V3 74LVC2G53GS V3 [1] The pin 1 indicator is located on the lower left corner of the device, below the marking code. 5. Functional diagram 001aah795 S Z E Y0 Y1 Fig. 1. Logic symbol 001aad387 Z Y0 S Y1 E Fig. 2. Logic diagram 6. Pinning information 6.1. Pinning 74LVC2G53 Z VCC E Y0 GND Y1 GND S 001aae798 1 2 3 4 6 5 8 7 Fig. 3. Pin configuration SOT505-2 (TSSOP8) and SOT765-1 (VSSOP8) 74LVC2G53 Y1 Y0 VCC S GND E Z GND 001aae800 3 6 2 7 1 8 4 5 Transparent top view Fig. 4. Pin configuration SOT833-1, SOT1116 and SOT1203 (XSON8) 74LVC2G53 All information provided in this document is subject to legal disclaimers. © Nexperia B.V. 2021. All rights reserved Product data sheet Rev. 14 — 22 April 2021 2 / 23 |