| データシートサーチシステム |
|
GWIXP425BBT データシート(PDF) 61 Page - Intel Corporation |
|
|
|||||||||||||||||||||||||||||
GWIXP425BBT データシート(HTML) 61 Page - Intel Corporation |
|
61 / 134 page ![]() Intel® IXP42X Product Line of Network Processors and IXC1100 Control Plane Processor Datasheet March 2005 Document Number: 252479, Revision: 005 61 E1 PCI_AD[23] F1 PCI_AD[20] G1 PCI_AD[21] H1 PCI_AD[16] E2 VCCP F2 PCI_IDSEL G2 VCCP H2 PCI_AD[18] E3 PCI_REQ_N[2] F3 VCC G3 PCI_AD[24] H3 VCC E4 VSS F4 PCI_REQ_N[0] G4 VSS H4 PCI_CBE_N[3] E5 PCI_GNT_N[0] F5 VCCP G5 PCI_REQ_N[1] H5 VCC E6 SDM_DATA[16] F6 VCC G6 VSS H6 PCI_REQ_N[3] E7 VCCP F7 SDM_DATA[31] E8 SDM_DATA[30] F8 VSS E9 VSS F9 SDM_DATA[17] E10 SDM_DATA[22] F10 VCC E11 VCCP E12 SDM_DATA[3] E13 VSS E14 SDM_DQM[0] E15 VCCP E16 SDM_BA[0] E17 VSS F17 VCC E18 SDM_ADDR[7] F18 SDM_ADDR[4] E19 VCCP F19 VSS E20 SDM_ADDR[3] F20 USB_DPOS E21 USB_DNEG F21 VCC G21 EX_ADDR[2] H21 VSS E22 VCCP F22 EX_WR_N G22 VSS H22 EX_ADDR[11] E23 VSS F23 VCC G23 EX_ADDR[12] H23 EX_ADDR[18] E24 EX_ADDR[10] F24 EX_ADDR[14] G24 VSS H24 VCCP E25 EX_ADDR[15] F25 VCCP G25 EX_ADDR[20] H25 VSS E26 EX_ADDR[19] F26 EX_ADDR[21] G26 EX_ADDR[22] H26 EX_CS_N[1] Table 22. Ball Map Assignment for the Intel® IXP422 Network Processor (Sheet 2 of 7) Ball Signal Ball Signal Ball Signal Ball Signal Note: Interfaces not being utilized at a system level require external pull-up or pull-down resistors. For specific details and requirements, see Section 3.0, “Functional Signal Descriptions” on page 33. |