| データシートサーチシステム |
|
GWIXP420BBT データシート(PDF) 59 Page - Intel Corporation |
|
|
|||||||||||||||||||||||||||||
GWIXP420BBT データシート(HTML) 59 Page - Intel Corporation |
|
59 / 134 page ![]() Intel® IXP42X Product Line of Network Processors and IXC1100 Control Plane Processor Datasheet March 2005 Document Number: 252479, Revision: 005 59 AE1 ETH_RXDATA0[3] AF1 ETH_RXDATA0[2] AE2 VCCP AF2 ETH_MDIO AE3 ETH_COL0 AF3 (Reserved) AE4 ETH_TXEN1 AF4 ETH_TXDATA1[3] AE5 VCCP AF5 ETH_TXCLK1 AE6 ETH_RXDV1 AF6 ETH_RXDATA1[0] AE7 VSS AF7 ETH_CRS1 AE8 ETH_COL1 AF8 VSSOSC AE9 VCCP AF9 OSC_IN AE10 VCCPLL1 AF10 VSSOSCP AE11 VSS AF11 OSC_OUT AE12 VCCPLL2 AF12 VCCOSC AE13 VCCP AF13 BYPASS_CLK AE14 UTP_OP_DATA[5] AF14 UTP_OP_DATA[6] AE15 VSS AF15 UTP_OP_DATA[3] AE16 UTP_OP_FCO AF16 UTP_OP_DATA[0] AE17 VCCP AF17 UTP_OP_CLK AE18 UTP_OP_ADDR[2] AF18 UTP_OP_ADDR[4] AE19 VSS AF19 UTP_OP_ADDR[0] AE20 UTP_IP_DATA[4] AF20 UTP_IP_DATA[5] AE21 VCCP AF21 UTP_IP_DATA[3] AE22 UTP_IP_FCO AF22 UTP_IP_DATA[0] AE23 VCCP AF23 UTP_IP_ADDR[3] AE24 JTG_TDI AF24 UTP_IP_ADDR[2] AE25 VCCP AF25 JTG_TMS AE26 HIGHZ_N AF26 JTG_TCK Table 21. Ball Map Assignment for the Intel® IXP425 Network Processor (Sheet 7 of 7) Ball Signal Ball Signal Ball Signal Ball Signal Note: Interfaces not being utilized at a system level require external pull-up or pull-down resistors. For specific details and requirements, see Section 3.0, “Functional Signal Descriptions” on page 33. |