データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

GWIXC1100BCT データシート(PDF) 60 Page - Intel Corporation

部品番号 GWIXC1100BCT
部品情報  Intel짰 IXP42X Product Line of Network Processors and IXC1100 Control Plane Processor
PDF  134 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  INTEL [Intel Corporation]
ホームページ  http://www.intel.com
Logo INTEL - Intel Corporation

GWIXC1100BCT データシート(HTML) 60 Page - Intel Corporation

Back Button GWIXC1100BCT Datasheet HTML 56Page - Intel Corporation GWIXC1100BCT Datasheet HTML 57Page - Intel Corporation GWIXC1100BCT Datasheet HTML 58Page - Intel Corporation GWIXC1100BCT Datasheet HTML 59Page - Intel Corporation GWIXC1100BCT Datasheet HTML 60Page - Intel Corporation GWIXC1100BCT Datasheet HTML 61Page - Intel Corporation GWIXC1100BCT Datasheet HTML 62Page - Intel Corporation GWIXC1100BCT Datasheet HTML 63Page - Intel Corporation GWIXC1100BCT Datasheet HTML 64Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 134 page
background image
Intel® IXP42X Product Line of Network Processors and IXC1100 Control Plane Processor
March 2005
Datasheet
60
Document Number: 252479, Revision: 005
Table 22.
Ball Map Assignment for the Intel® IXP422 Network Processor (Sheet 1 of 7)
Ball
Signal
Ball
Signal
Ball
Signal
Ball
Signal
A1
PCI_AD[27]
B1
PCI_AD[28]
C1
PCI_AD[26]
D1
PCI_AD[25]
A2
PCI_GNT_N[1]
B2
VCCP
C2
PCI_AD[30]
D2
VSS
A3
PCI_GNT_N[3]
B3
PCI_GNT_N[2]
C3
VSS
D3
PCI_AD[31]
A4
SDM_DATA[19]
B4
VCCP
C4
PCI_INTA_N
D4
VCC
A5
SDM_DATA[27]
B5
SDM_DATA[28]
C5
VSS
D5
PCI_SERR_N
A6
SDM_DATA[26]
B6
VCCP
C6
SDM_DATA[18]
D6
VCC
A7
SDM_DATA[25]
B7
SDM_DATA[21]
C7
VSS
D7
SDM_DATA[29]
A8
SDM_DATA[23]
B8
VSS
C8
VCCP
D8
SDM_DATA[20]
A9
SDM_DATA[14]
B9
SDM_DATA[0]
C9
SDM_DATA[24]
D9
VCC
A10
SDM_DATA[13]
B10
VCCP
C10
VSS
D10
SDM_DATA[15]
A11
SDM_DATA[11]
B11
SDM_DATA[12]
C11
SDM_DATA[2]
D11
SDM_DATA[1]
A12
SDM_DATA[10]
B12
VSS
C12
SDM_DATA[4]
D12
VCC
A13
SDM_DATA[6]
B13
SDM_DATA[9]
C13
VSS
D13
SDM_DATA[5]
A14
SDM_DATA[8]
B14
VCCP
C14
SDM_DATA[7]
D14
VCC
A15
SDM_DQM[1]
B15
SDM_DQM[2]
C15
SDM_DQM[3]
D15
SDM_WE_N
A16
SDM_CS_N[0]
B16
VSS
C16
VCCP
D16
SDM_CS_N[1]
A17
SDM_CLKOUT
B17
SDM_CKE
C17
SDM_CAS_N
D17
SDM_BA[1]
A18
SDM_RAS_N
B18
VCCP
C18
SDM_ADDR[11]
D18
VCC
A19
SDM_ADDR[12]
B19
SDM_ADDR[10]
C19
VSS
D19
SDM_ADDR[0]
A20
SDM_ADDR[9]
B20
VSS
C20
SDM_ADDR[6]
D20
VSS
A21
SDM_ADDR[8]
B21
SDM_ADDR[1]
C21
SDM_ADDR[2]
D21
VCC
A22
SDM_ADDR[5]
B22
VCCP
C22
VSS
D22
EX_ALE
A23
EX_RD_N
B23
EX_IOWAIT_N
C23
EX_ADDR[0]
D23
VCC
A24
EX_ADDR[1]
B24
VSS
C24
EX_ADDR[4]
D24
EX_ADDR[6]
A25
EX_ADDR[3]
B25
VCCP
C25
EX_ADDR[7]
D25
RCOMP
A26
EX_ADDR[5]
B26
EX_ADDR[9]
C26
EX_ADDR[13]
D26
EX_ADDR[17]
Note:
Interfaces not being utilized at a system level require external pull-up or pull-down resistors. For specific details and
requirements, see Section 3.0, “Functional Signal Descriptions” on page 33.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More