| データシートサーチシステム |
|
IRFN450 データシート(PDF) 1 Page - International Rectifier |
|
|
|||||||||||||||||||||||||||||
IRFN450 データシート(HTML) 1 Page - International Rectifier |
|
1 / 7 page ![]() Absolute Maximum Ratings Parameter Units ID @ VGS = 10V, TC = 25°C Continuous Drain Current 12 ID @ VGS = 10V, TC = 100°C Continuous Drain Current 8.0 IDM Pulsed Drain Current ➀ 48 PD @ TC = 25°C Max. Power Dissipation 150 W Linear Derating Factor 1.2 W/°C VGS Gate-to-Source Voltage ±20 V EAS Single Pulse Avalanche Energy ➁ 750 mJ IAR Avalanche Current ➀ 12 A EAR Repetitive Avalanche Energy ➀ 15 mJ dv/dt Peak Diode Recovery dv/dt ➂ 3.5 V/ns T J Operating Junction -55 to 150 TSTG Storage Temperature Range Package Mounting Surface Temperature 300(for 5 seconds) Weight 2.6 (Typical) g PD - 90418C HEXFET® MOSFET technology is the key to International Rectifier’s advanced line of power MOSFET transistors. The efficient geometry design achieves very low on-state re- sistance combined with high transconductance. HEXFET transistors also feature all of the well-established advan- tages of MOSFETs, such as voltage control, very fast switch- ing, ease of paralleling and electrical parameter temperature stability. They are well-suited for applications such as switch- ing power supplies, motor controls, inverters, choppers, audio amplifiers, high energy pulse circuits, and virtually any application where high reliability is required. The HEXFET transistor’s totally isolated package eliminates the need for additional isolating material between the device and the heatsink. This improves thermal efficiency and reduces drain capacitance. oC A POWER MOSFET SURFACE MOUNT(SMD-1) 1/25/01 www.irf.com 1 SMD-1 Product Summary Part Number RDS(on) ID IRFN450 0.415 Ω 12A Features: n Simple Drive Requirements n Ease of Paralleling n Hermetically Sealed n Electrically Isolated n Surface Mount n Dynamic dv/dt Rating n Light-weight For footnotes refer to the last page IRFN450 JANTX2N7228U JANTXV2N7228U REF:MIL-PRF-19500/592 500V, N-CHANNEL HEXFET ® MOSFETTECHNOLOGY |
同様の部品番号 - IRFN450 |
|
同様の説明 - IRFN450 |