| データシートサーチシステム |
|
74HCT4002DB データシート(PDF) 7 Page - Nexperia B.V. All rights reserved |
|
|
|||||||||||||||||||||||||||||
74HCT4002DB データシート(HTML) 7 Page - Nexperia B.V. All rights reserved |
|
7 / 15 page ![]() © Nexperia B.V. 2017. All rights reserved 74HC_HCT4002 All information provided in this document is subject to legal disclaimers. Product data sheet Rev. 5 — 26 May 2016 7 of 15 Nexperia 74HC4002; 74HCT4002 Dual 4-input NOR gate 11. Waveforms Measurement points are given in Table 8. VOL and VOH are typical voltage output levels that occur with the output load. Fig 7. Waveforms showing the input (nA, nB, nC, nD) to output (nY) propagation delays and the output transition times Table 8. Measurement points Type Input Output VM VM VX VY 74HC4002 0.5VCC 0.5VCC 0.1VCC 0.9VCC 74HCT4002 1.3 V1.3 V0.1VCC 0.9VCC |