| データシートサーチシステム |
|
RT9205/ACS データシート(PDF) 11 Page - Richtek Technology Corporation |
|
|
|||||||||||||||||||||||||||||
RT9205/ACS データシート(HTML) 11 Page - Richtek Technology Corporation |
|
11 / 16 page ![]() Preliminary RT9205/A DS9205/A-03 May 2003 www.richtek.com 11 Fig. 5 Applications Information Inductor Selection The RT9205/A was designed for VIN = 5V, step-down application mainly. Fig.6 shows the typical topology and waveforms of step-down converter. The ripple current of inductor can be calculated as follows: ILRIPPLE = (5V - VOUT)/L × TON Because operation frequency is fixed at 300kHz, TON = 3.33 × VOUT/5V The VOUT ripple is VOUT RIPPLE = ILRIPPLE × ESR ESR is the equivalent series resistor of output capacitor Table 1 shows the ripple voltage of VOUT at VIN = 5V Table 1 Fig. 6 VOUT 3.3V 2.5V 1.5V Inductor 2 µH 5 µH 2 µH 5 µH 2 µH 5 µH 1000 µF (ESR=53mΩ) 100mV 40mV 110mV 44mV 93mV 37mV 1500 µF (ESR=33mΩ) 62mV 25mV 68mV 28mV 58mV 23mV 3000 µF (ESR=21mΩ) 40mV 16mV 43mV 18mV 37mV 15mV *Refer to Sanyo low ESR series (CE, DX, PX…) The suggested L and C are as follows: 2 µH with ≥ 1500µF COUT 5 µH with ≥ 1000µF COUT TON TOFF TS VL VI - VO - V O IL = IO iL µQ µIL iQ IQ iD ID C.C.M. VL R VO L DC Q VI 0A 0V 2V 4V T0T1 T2 T3 TIME COUNT = 1 COUNT = 2 COUNT = 3 OVERLOAD APPLIED |