| データシートサーチシステム |
|
U74CBTLV3251L-R16-R データシート(PDF) 5 Page - Unisonic Technologies |
|
|
|||||||||||||||||||||||||||||
U74CBTLV3251L-R16-R データシート(HTML) 5 Page - Unisonic Technologies |
|
5 / 7 page ![]() U74CBTLV3251 Advance CMOS IC UNISONICTECHNOLOGIESCO.,LTD 5 of 7 www.unisonic.com.tw QW-R502-D66.b SWITCHING CHARACTERISTICS See Fig. 1 and Fig. 2 for test circuit and waveforms. PARAMETER SYMBOL TEST CONDITIONS TA=25°C TA=-40°C~+125°C UNIT MIN TYP MAX MIN TYP MAX Propagation Delay From Input (A or B) (Note) to Output (B or A) tpd (tPLH/tPHL) VCC=2.5V±0.2V 0.15 0.3 ns VCC=3.3V±0.3V 0.25 0.5 ns Propagation Delay From Input (S) to Output (A) VCC=2.5V±0.2V 1 6.1 8.1 ns VCC=3.3V±0.3V 1 5.3 7.3 ns Propagation Delay From Input (S) to Output (B) ten (tPZL/tPZH) VCC=2.5V±0.2V 1 5.4 7.4 ns VCC=3.3V±0.3V 1 4.8 6.8 ns Propagation Delay From Input ( OE ) to Output (A or B) VCC=2.5V±0.2V 1 5.2 7.2 ns VCC=3.3V±0.3V 1 4.5 6.5 ns Propagation Delay From Input (S) to Output (B) tdis (tPLZ/tPHZ) VCC=2.5V±0.2V 1 4.8 6.8 ns VCC=3.3V±0.3V 1 4.5 6.5 ns Propagation Delay From Input ( OE ) to Output (A or B) VCC=2.5V±0.2V 1 6.7 8.2 ns VCC=3.3V±0.3V 1 7.2 8.8 ns Note: The propagation delay is the calculated RC time constant of the typical on-state resistance of the switch and the specified load capacitance, when driven by an ideal voltage source (zero output impedance). OPERATING CHARACTERISTICS (TA=25°C, unless otherwise specified) PARAMETER SYMBOL TEST CONDITIONS MIN TYP MAX UNIT Control input Capacitance Control Inputs CI VO=3V or 0 3 pF I/O Capacitance (OFF) A Port CIO(OFF) VO=3V or 0, OE =VCC 40.5 pF B Port 6 pF |