| データシートサーチシステム |
|
UG8J-AL5-0-R データシート(PDF) 1 Page - Unisonic Technologies |
|
|
|||||||||||||||||||||||||||||
UG8J-AL5-0-R データシート(HTML) 1 Page - Unisonic Technologies |
|
1 / 3 page ![]() UNISONIC TECHNOLOGIES CO., LTD UG8J NPN EPITAXIAL SILICON TRANSISTOR www.unisonic.com.tw 1 of 3 Copyright © 2005 Unisonic Technologies Co., Ltd QW-R222-002,A EMITTER COMMON (DUAL DIGITAL TRANSISTORS) FEATURES * Two DTC143Z chips in a SOT-353 package. * Mounting cost and area can be cut in half. STRUCTURE * Epitaxial planar type * NPN silicon transistor (Built-in resistor type) SOT-353 4 5 3 2 1 *Pb-free plating product number: UG8JL ORDERING INFORMATION Order Number Pin Assignment Normal Lead Free Plating Package 1 2 3 4 5 Packing UG8J-AL5-0-R UG8J-AL5-0-R SOT-353 B1 E1,E2 B2 C2 C1 Tape Reel UG8JL-AL5-0-R (1)Packing Type (3)Package Type (4)Lead Plating (2)Pin Assignment (1) R: Tape Reel (2) refer to Pin Assignment (3) AL5: SOT-353 (4) L: Lead Free Plating, Blank: Pb/Sn MARKING INFORMATION UG8J Lead Plating |
同様の部品番号 - UG8J-AL5-0-R |
|
同様の説明 - UG8J-AL5-0-R |