| データシートサーチシステム |
|
TMPR4925XB データシート(PDF) 9 Page - Toshiba Semiconductor |
|
|
|||||||||||||||||||||||||||||
TMPR4925XB データシート(HTML) 9 Page - Toshiba Semiconductor |
|
9 / 32 page ![]() INTEGRATED CIRCUIT TOSHIBA RISC PROCESSOR TMPR4925XB TENTATIVE EJC-TMPR4925XB-9 26/Dec/01 Rev 0.1 TOSHIBA CORPORATION n PCMCIA Interface ( PCMCIA I/F ) The TX4925 has a 2 identical full PCMCIA ports. • Provide the control signals and accepts the status signals which conform to the PCMCIA version 2.1 standard • Appropriate connector keying and level-shifting buffers required for 3.3V versus 5V PCMCIA interface implementations n Real Time Clock ( RTC ) The TX4925 has a Real Time Clock. • 44-bit up-counter • Interrupts on alarm, timer, and prior to RTC roll-over • Date managed by software n Power-down mode The TX4925 contains support for implementation of power-down mode. • HALT mode (stopping CPU core clock) for TX49/H2 core block • Power-down mode (stopping input clock) for individual internal peripheral modules • RF(Reduced Frequency) Function (1/1,1/2,1/4,1/8) n Extended EJTAG Interface The TX4925 contains an Extended Enhanced Joint Test Action Group ( Extended EJTAG ) interface, which provides two functions : JTAG boundary scan test that complies with IEEE1149.1 and real-time debugging using a debug support unit ( DSU ) built into the TX49/H2 core. • IEEE 1149.1 JTAG Boundary Scan • Real-time debugging functions using special emulation probe : execution control ( execution, break, step, and register / memory access ) and PC trace |