| データシートサーチシステム |
|
E3F2-R2B4-P1 データシート(PDF) 3 Page - Omron Electronics LLC |
|
|
|||||||||||||||||||||||||||||
E3F2-R2B4-P1 データシート(HTML) 3 Page - Omron Electronics LLC |
|
3 / 14 page ![]() E3F2 E3F2 3 J REPLACEMENT PARTS Description Part number Reflector for E3F2-R2 j4 retroreflective sensors E39-R1 Two plastic M18 mounting nuts E3F-PHWS Specifications J DC SWITCHING MODELS Part number E3F2-7C4- j, E3F2-7B4- j E3F2-R2C4- j, E3F2-R2B4- j E3F2-R2RC4- j, E3F2-R2RB4- j E3F2-DS10C4- j, E3F2-DS10B4- j E3F2-DS30C4- j, E3F2-DS30B4- j Method of detection Through-beam Retroreflective Diffuse g Non-polarized Polarized Sensing range 7 m (22.96 ft) 2 m (6.56 ft) 2 m (6.56 ft) 10 cm (3.94 in) 30 cm (11.81 in) Standard target 11 x 11 mm 56 x 56 mm 5 x 5 cm 90% Kodak White Card 10 x 10 cm 90% Kodak White Card Supply voltage 10-30 VDC 10% maximum permissible ripple, peak-to-peak Output NPN or PNP open collector, 100 mA, residual voltage 2 V max. at 100 mA Current consumption 45 mA max. 25 mA max. Response time 2.5 ms max. Stabilization on Powerup 50 ms Ambient temperature Operating –25 °C to 55°C (–13°F to 131°F) with no icing Storage –30 °C to 70°C (–22°F to 158°F) Ambient light immunity Incandescent: 3,000 x; Sunlight: 10,000 x Relative humidity Operating 35% to 85% RH, no condensation y Storage 35% to 95% RH Insulation resistance 20 M Ω at 500 VDC Dielectric strength 1,000 VAC, 50/60 Hz for 1 min. between current carrying parts and case Vibration 10 to 55 Hz 1.5 mm double amplitude 1 hr each in X, Y, Z axes Shock 500 m/s2 (approx. 50 G) Enclosure IP67, NEMA 6 for metal versions; IP66 NEMA, 4 for plastic versions Light source Infrared LED Red LED Infrared LED Indicators Power and light received LEDs Sensitivity adjustment Fixed Adjustable Operation mode Light-ON or Dark-ON selectable with control wire Weight Metal Pre-leaded 100 g; connector: 60 g g Plastic Pre-leaded 85 g; connector: 40 g Circuit protection Output short-circuit and reverse polarity Materials Lens Plastic Housing Plastic (ABS), nickel plated brass, stainless steel Plastic Nickel plated brass, stainless steel Plastic (ABS), nickel plated brass, stainless steel Cable sheath PVC |