| データシートサーチシステム |
|
E3F2-R2RC4-M1-C データシート(PDF) 9 Page - Omron Electronics LLC |
|
|
|||||||||||||||||||||||||||||
E3F2-R2RC4-M1-C データシート(HTML) 9 Page - Omron Electronics LLC |
|
9 / 14 page ![]() E3F2 E3F2 9 Operation Table – continued from previous page Configuration Model Connection method Output transistor Output circuit PNP connector E3F2-7B4-P1 E3F2-7B4-M1-M E3F2-7B4-M1-C E3F2-7B4-M1-S E3F2-R2B4-P1 E3F2-R2RB4-M1 -M E3F2-R2RB4-M1 -C E3F2-R2RB4-M1 -S E3F2-DS10B4- P1 Connect the pink and brown wires or open the pink wire. ON when light is incident. (Light-ON) Main circuit Light indicator Red 100 mA max. (control output) Blue Black Load ZD Brown (1) (See Note.) (Mode selection) ZD:VZ = 36 V 10 to 30 VDC (4) (3) Pink (2) P1 E3F2-DS10B4- M1-M E3F2-DS10B4- M1-C E3F2-DS10B4- M1-S E3F2-DS30B4- P1 E3F2-DS30B4- M1-M E3F2-DS30B4- M1-S Connect the pink and blue wires. ON when light is in- terrupted. (Dark-ON) (Mode selection) 100 mA max. (control output) Blue Black Load ZD Main circuit Light indicator Red Brown (1) (See Note.) 10 to 30 VDC ZD:VZ = 36 V Pink (4) (3) (2) AC switching E3F2-3Z1 E3F2-R2Z1 E3F2-DS10Z1-N --- (Fixed) ON when light is incident. (Light-ON) Main Load Light indicator Brown E3F2-3Z2 E3F2-R2Z2 E3F2-DS10Z2-N ON when light is in- terrupted. (Dark-ON) 200 mA max. (control output) Main circuit Red Blue Black 24 to 240 VAC Blue Note: Terminal numbers are for connector types. J TIMING CHART Light-ON Mode Dark-ON Mode Light indicator (red) Control output Load (relay) ON OFF ON OFF Operate Release Light indicator (red) Control output Load (relay) ON OFF ON OFF Operate Release Incident Interrupted Incident Interrupted Terminals/Connections 1 2 3 4 Output 0 V Vcc Mode selector |