| データシートサーチシステム |
|
E3F2-R2RB4-M1-S データシート(PDF) 12 Page - Omron Electronics LLC |
|
|
|||||||||||||||||||||||||||||
E3F2-R2RB4-M1-S データシート(HTML) 12 Page - Omron Electronics LLC |
|
12 / 14 page ![]() E3F2 E3F2 12 E39-RSA Reflector E39-RSB Reflector 35 (1.38) 33 (1.30) 8 0.7 (0.03) Four, R1 Adhesive tape Reflecting surface 0.7 (0.03) Four, R1 33 (1.30) 40 (1.57) 38 (1.50) Adhesive tape Reflecting surface 35 (1.38) 10 (0.39) 16.0 (0.63) 15.7 (0.62) 6.1 (0.24) 9.2 (0.36) 5-40 SUS set screw 45 °x0.5 all around M18x1 internal threads 22.0 (0.87) 45 ° 3.0 (0.12) 3.3 (0.13) 18.5 (0.73) 8.9 (0.35) 6x2 mm 30 TYP. 10.6 (0.42) 4.0 (0.16) 23.9 (0.94) 20.5 (0.81) 28.7 (1.13) 14.1 (0.56) 24.6 (0.97) E39-RU1 Right Angle Adapter Mounting E39-RU1 Do not exceed a torque value of 20 kg S cm (2.0 N S m, 17.4 in S lbs) when tightening the adapter onto the sensor. Use a 1/16” (1.5 mm) hex key on the set screw to secure the adapter to the E3F2. Do not exceed a torque of 3.5 kg S cm (0.35 N S m, 3.0 in S lbs). When set properly, the set screw will still extend beyond the adapter wall. Make sure to loosen the set screw before removing the adapter from the sensor. |