| データシートサーチシステム |
|
UPC1663GV-E1 データシート(PDF) 11 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
UPC1663GV-E1 データシート(HTML) 11 Page - Renesas Technology Corp |
|
11 / 18 page ![]() Data Sheet G11024EJ6V0DS00 9 µµµµPC1663 EXAMPLE 2 VCC single supply application example (Outline) RL RL R2 PC1663 µ R2 R1 = R2 R1 R1 C VCC EXAMPLE 3 Photo signal detector circuit example (Outline) V+ VCC+ L C RS µ (Refer to data sheet of each part number) RS VCC– RL RL PC1663 OUT1 OUT2 PIN Photo Diode NDL2102 NDL2104 NDL2208 NDL5200 Caution When signal source impedance for µµµµPC1663 is critical, FET source follower buffer should be inserted between PIN Photo diode and µµµµPC1663 input. The application circuits and their parameters are for reference only and are not intended for use in actual design-ins. Precautions for design in and detail application circuit examples should be referred to application note ‘Usage of µPC1663 (Document No. G12290E)’. |