| データシートサーチシステム |
|
UPC1876 データシート(PDF) 21 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
UPC1876 データシート(HTML) 21 Page - Renesas Technology Corp |
|
21 / 42 page ![]() µPC1876 19 Data Sheet S11666EJ4V0DS00 3.3 F-MONAURAL SELECTION Pin When the F-MONAURAL SELECTION is ON, the R CHANNEL OUTPUT and L CHANNEL OUTPUT output monaural (L+R) signal regardless of broadcasting mode. The µPC1876 varies in pin function of the F-MONAURAL SELECTION. Output pin R CHANNEL OUTPUT Input signal level of L CHANNEL OUTPUT the F-MONAURAL SELECTION H OFF M ON L 3.4 STEREO/SAP SWITCH Pin Selecton pin of the L CHANNEL OUTPUT and R CHANNEL OUTPUT (Stereo signal/SAP signal). Output pin R CHANNEL OUTPUT Input signal level of L CHANNEL OUTPUT the STEREO/SAP SWITCH H Stereo signal L SAP signal 3.5 SAP 1/2 SWITCH Pin Selection pin of the L CHANNEL OUTPUT and R CHANNEL OUTPUT (SAP 1 mode/SAP 2 mode) when the STEREO/SAP SWITCH is L level (SAP signal is selected). Input signal level of Mode L CHANNEL OUTPUT R CHANNEL OUTPUT the SAP 1/2 SWITCH H SAP2 L + R signal SAP signal L SAP1 SAP signal |