| データシートサーチシステム |
|
UPC1909GS データシート(PDF) 18 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
UPC1909GS データシート(HTML) 18 Page - Renesas Technology Corp |
|
18 / 38 page ![]() Data Sheet G14309EJ2V0DS00 16 µµµµPC1909 3.4 On/Off Operation The output of OUT1 and OUT2 can be made low level (off) by making the voltage of the ON/OFF pin low level. This also causes discharge of the soft start capacitor externally connected to the DTC1 pin and the timing capacitor externally connected to the CT pin. To prevent chattering when turning on and off slowly, the threshold voltage of the ON/OFF pin has a 0.2-V hysteresis. The waveforms during the on/off operation are shown in Figure 3-5 below. Figure 3-5. Waveforms During On/Off Operation OUT1 ON/OFF DTC1 DTC1 FB DTC2 OUT2 CT dCT Discharge of CT, DTC1 T8 T7 VIN(OFF) VIN(ON) |