| データシートサーチシステム |
|
UPC2933AT データシート(PDF) 2 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
UPC2933AT データシート(HTML) 2 Page - Renesas Technology Corp |
|
2 / 14 page ![]() μPC2933A,2905A Chapter Title R03DS0029EJ0400 Rev.4.00 Page 2 of 12 Mar 16, 2011 Block Diagram Start-up circuit Reference voltage Thermal shut down Error Amp. Drive circuit Saturation protection Safe operating area protection OUTPUT GND INPUT Over-current protection Ordering Information Part Number Package Output Voltage Marking μPC2933AHF Isolated TO-220 (MP-45G) 3.3 V 2933A μPC2933AHB SC-64 (MP-3) 3.3 V 2933A μPC2933AT SC-63 (MP-3Z) 3.3 V 2933A μPC2905AHF Isolated TO-220 (MP-45G) 5.0 V 2905A μPC2905AHB SC-64 (MP-3) 5.0 V 2905A μPC2905AT SC-63 (MP-3Z) 5.0 V 2905A Remark Tape-packaged products have the symbol -E1, or -E2 suffixed to the part number. Pb-free products have the symbol -AZ, or -AY suffixed to the part number. Refer to the following table for details. Part Number Note1 Package Package Type μPC29xxAHF-AZ Note2 Isolated TO-220 (MP-45G) • Packed in envelop μPC29xxAHB-AZ Note2 SC-64 (MP-3) • Packed in envelop μPC29xxAHB-AY Note3 SC-64 (MP-3) • Packed in envelop μPC29xxAT-E1-AZ Note2 SC-63 (MP-3Z) • 16 mm wide embossed taping • Pin 1 on draw-out side • 2000 pcs/reel μPC29xxAT-E1-AY Note3 SC-63 (MP-3Z) • 16 mm wide embossed taping • Pin 1 on draw-out side • 2000 pcs/reel μPC29xxAT-E2-AZ Note2 SC-63 (MP-3Z) • 16 mm wide embossed taping • Pin 1 at take-up side • 2000 pcs/reel μPC29xxAT-E2-AY Note3 SC-63 (MP-3Z) • 16 mm wide embossed taping • Pin 1 at take-up side • 2000 pcs/reel Notes 1. xx stands for symbols that indicate the output voltage. 2. Pb-free (This product does not contain Pb in the external electrode.) 3. Pb-free (This product does not contain Pb in the external electrode, Sn100% plating.) <R> |