データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

PVCOM24 データシート(PDF) 5 Page - Protek Devices

部品番号 PVCOM24
部品情報  high powered surge protection tvs array
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  PROTEC [Protek Devices]
ホームページ  http://www.protekdevices.com
Logo PROTEC - Protek Devices

PVCOM24 データシート(HTML) 5 Page - Protek Devices

  PVCOM24 Datasheet HTML 1Page - Protek Devices PVCOM24 Datasheet HTML 2Page - Protek Devices PVCOM24 Datasheet HTML 3Page - Protek Devices PVCOM24 Datasheet HTML 4Page - Protek Devices PVCOM24 Datasheet HTML 5Page - Protek Devices PVCOM24 Datasheet HTML 6Page - Protek Devices PVCOM24 Datasheet HTML 7Page - Protek Devices  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
Only One Name Means ProTek’Tion™
05656.R0 4/23
page 5
PVCOM24
ISO 9001 CERTIFIED COMPANY
package information
B
A
D
E
G
F
C
TOP VIEW
BOTTOM VIEW
END VIEW
B
D
C
A
OuTlINE DIMENSIONS
DIM
MIllIMETERS
INChES
MIN
MAX
MIN
MAX
A
1.50
1.70
0.059
0.067
B
0.72
0.88
0.028
0.035
C
0.47
0.56
0.018
0.022
D
0.55
0.65
0.022
0.026
E
0.15
0.22
0.006
0.009
F
0.33
0.40
0.013
0.016
G
0.81
0.89
0.032
0.035
NOTES
1. Dimensioning and tolerances per ANSI Y14.M, 1985.
2. Dimensions are exclusive of mold flash and metal burrs.
PAD lAYOuT DIMENSIONS
DIM
MIllIMETERS
INChES
NOMINAl
NOMINAl
A
0.80
0.032
B
0.36
0.014
C
0.21
0.008
D
1.03
0.040
NOTES
1. Controlling dimension: millimeters.



Html Pages

1 2 3 4 5 6 7