データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

PAM33DOAB180A データシート(PDF) 2 Page - Protek Devices

部品番号 PAM33DOAB180A
部品情報  5000 Watt TVS Component
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  PROTEC [Protek Devices]
ホームページ  http://www.protekdevices.com
Logo PROTEC - Protek Devices

PAM33DOAB180A データシート(HTML) 2 Page - Protek Devices

  PAM33DOAB180A Datasheet HTML 1Page - Protek Devices PAM33DOAB180A Datasheet HTML 2Page - Protek Devices PAM33DOAB180A Datasheet HTML 3Page - Protek Devices PAM33DOAB180A Datasheet HTML 4Page - Protek Devices PAM33DOAB180A Datasheet HTML 5Page - Protek Devices PAM33DOAB180A Datasheet HTML 6Page - Protek Devices PAM33DOAB180A Datasheet HTML 7Page - Protek Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Only One Name Means ProTek’Tion™
05551.R13 9/22
page 2
PAM33DOABxxA/CA Series
ISO 9001 CERTIFIED COMPANY
typical device characteristics
MAXIMuM RATINGS @ 25°c Unless Otherwise Specified
PARAMETER
SYMbOL
VAluE
uNITS
Operating Temperature
T
J
-55 to 150
°C
Storage Temperature
T
STG
-55 to 150
°C
Peak Pulse Power (tp =10/1000µs) - See Figure 1 and Note 2
P
PP
5000
Watts
Peak Pulse Power (tp =8/20µs) - See Figure 1 and Note 2
P
PP
28000
Watts
Power Dissipation on Infinite Heatsink at T
L = 75°C
P
D
6.5
Watts
Peak Forward Surge Current, 8.3ms single half sinewave - Unidirectional Only (Note 2)
I
FSM
500
Amps
Maximum Instantaneous Forward Voltage at 100A - Unidirectional Only
V
F
3.5
V
NOTE
1. Non-repetitive current pulse per Figure 2 and derated above TA = 25°C per Figure 2.
2. Measured on 8.3ms single half sinewave or equivalent square wave, duty cycle = 4 pulses per minute maximum.
RTca DO-160g cOMpLIaNT pRODUcT
ElECTRICAl ChARACTERISTICS PER lINE @ 25°c Unless Otherwise Specified
PART
NUMbeR
(Notes 1-2)
DEVICE
MaRkINg
REVERSE
STaND-OFF
VOlTAGE
V
RWM
VOlTS
bReakDOwN
VOlTAGE
V
(bR) @ IT
VOlTS
TEST
CuRRENT
@ I
T
mA
MAXIMuM
ClAMPING
VOlTAGE
(Fig. 2)
@ I
P
V
C
VOlTS
MAXIMuM
REVERSE
SuRGE
CuRRENT
@I
PP
AMPS
MAXIMuM
REVERSE
Leakage
CuRRENT
@V
RWM
I
R
µA
uNI
bI
MIN
MAX
PAM33DOAB14A
5PEG 5BEG
14.0
15.60
17.20
1
23.2
218
200
PAM33DOAB15A
5PEK
5BEK
15.0
16.70
18.50
1
24.4
207
100
PAM33DOAB18A
5PER
5BER
18.0
20.00
22.10
1
29.2
173
10
PAM33DOAB20A
5PEV 5BEV
20.0
22.20
24.50
1
32.4
156
5
PAM33DOAB22A
5PEX
5BEX
22.0
24.40
26.90
1
35.5
142
5
PAM33DOAB24A
5PEZ
5BEZ
24.0
26.7
29.5
1
38.9
130
5
PAM33DOAB26A
5PFE
5BFE
26.0
28.90
31.90
1
42.1
120
5
PAM33DOAB30A
5PFK
5BFK
30.0
33.30
36.80
1
48.4
104
5
PAM33DOAB33A
5PFM 5BFM
33.0
36.70
40.60
1
53.3
94.8
1
PAM33DOAB36A
5PFP
5BFP
36.0
40.00
44.20
1
58.1
86.9
1
PAM33DOAB40A
5PFR
5BFR
40.0
44.40
49.10
1
64.5
78.3
1
PAM33DOAB51A
5PFZ
5BFZ
51.0
56.70
62.70
1
82.4
61.3
1
PAM33DOAB54A
5PGE 5BGE
54.0
64.4
71.2
1
93.6
53.5
1
PAM33DOAB140A
5PHB 5BHB
140.0
155.00
171.00
1
226.8
22.3
1
PAM33DOAB170A
5PHR 5BHR
170.0
189.0
209.0
1
275.0
18.4
1
PAM33DOAB180A
5PHT 5BHT
180.0
200.00
220.0
1
291.6
17.3
1
NOTE
1. 5% tolerance.
2. Add suffix ‘CA’ after part number to specify a bidrectional device, i.e., PAM33DOAB26CA.



Html Pages

1 2 3 4 5 6 7


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com