| データシートサーチシステム |
|
74AHCT240D データシート(PDF) 2 Page - Nexperia B.V. All rights reserved |
|
|
|||||||||||||||||||||||||||||
74AHCT240D データシート(HTML) 2 Page - Nexperia B.V. All rights reserved |
|
2 / 13 page ![]() Nexperia 74AHCT240 Octal buffer/line driver; inverting; 3-state 4. Functional diagram mgu779 1A3 1A2 1A1 1A0 2 4 6 8 1 1Y0 1Y1 18 16 14 12 1Y2 1Y3 1OE 2A3 2A2 2A1 2A0 17 15 13 11 19 2Y0 2Y1 3 5 7 9 2Y2 2Y3 2OE Fig. 1. Logic symbol 12 14 2 4 6 8 18 16 1 EN mgu778 3 5 11 13 15 17 9 7 19 EN Fig. 2. IEC logic symbol 5. Pinning information 5.1. Pinning 74AHCT240 1OE VCC 1A0 2OE 2Y0 1Y0 1A1 2A0 2Y1 1Y1 1A2 2A1 2Y2 1Y2 1A3 2A2 2Y3 1Y3 GND 2A3 001aal192 1 2 3 4 5 6 7 8 9 10 12 11 14 13 16 15 18 17 20 19 Fig. 3. Pin configuration SOT163-1 (SO20) and SOT360-1 (TSSOP20) 001aal193 74AHCT240 GND(1) Transparent top view 1Y3 1A3 2Y3 2A2 2Y2 1Y2 1A2 2A1 2Y1 1Y1 1A1 2A0 2Y0 1Y0 1A0 2OE 9 12 8 13 7 14 6 15 5 16 4 17 3 18 2 19 terminal 1 index area (1) This is not a ground pin. There is no electrical or mechanical requirement to solder the pad. In case soldered, the solder land should remain floating or connected to GND. Fig. 4. Pin configuration SOT764-1 (DHVQFN20) 74AHCT240 All information provided in this document is subject to legal disclaimers. © Nexperia B.V. 2020. All rights reserved Product data sheet Rev. 6 — 29 June 2020 2 / 13 |