データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AMC431RDB データシート(PDF) 3 Page - List of Unclassifed Manufacturers

部品番号 AMC431RDB
部品情報  PRECISION ADJUSTABLE SHUNT VOLTAGE REFERENCE
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ETC2 [List of Unclassifed Manufacturers]
ホームページ  
Logo ETC2 - List of Unclassifed Manufacturers

AMC431RDB データシート(HTML) 3 Page - List of Unclassifed Manufacturers

  AMC431RDB Datasheet HTML 1Page - List of Unclassifed Manufacturers AMC431RDB Datasheet HTML 2Page - List of Unclassifed Manufacturers AMC431RDB Datasheet HTML 3Page - List of Unclassifed Manufacturers AMC431RDB Datasheet HTML 4Page - List of Unclassifed Manufacturers AMC431RDB Datasheet HTML 5Page - List of Unclassifed Manufacturers AMC431RDB Datasheet HTML 6Page - List of Unclassifed Manufacturers AMC431RDB Datasheet HTML 7Page - List of Unclassifed Manufacturers AMC431RDB Datasheet HTML 8Page - List of Unclassifed Manufacturers AMC431RDB Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
AMC DOC. #: AMC431_C
AMC431
November
2002
PRECISION ADJUSTABLE SHUNT
VOLTAGE REGULATORS
Copyright
 2002, ADD Microtech Corp.
3
www.addmtek.com
RECOMMENDED OPERATING CONDITIONS
Min
Max
Units
Operating free air temperature range, TA
0
70
°C
Cathode current, IK
1
100
mA
Cathode voltage, VKA
0
36
V
ELECTRICAL CHARACTERISTICS
Unless otherwise specified, these specifications apply over the operating ambient temperatures with T
A = 25
°C.
AMC431
Parameter
Symbol
Test Conditions
Min
Typ Max
Units
Reference Input Voltage
V
REF
IK = 10mA, V
KA = VREF, note 1
2.475 2.500 2.525
V
Reference Input Voltage
V
REF
IK = 10mA, V
KA = VREF, note 2
2.462 2.500 2.538
V
Reference Input Voltage
V
REF
IK = 10mA, V
KA = VREF, note 3
2.487 2.500 2.513
V
Reference Drift
IK = 10mA, V
KA = VREF, 0°C
≤ T
A
≤ 70°C
4
17
mV
Voltage Ratio, Ref to Cathode
(note 4)
IK = 10mA, V
KA = 2.5V to 36V
-1.4
-2.7 mV/V
IK = 10mA,V
KA = VREF
2.3
Reference Input Current
I
REF
IK = 10mA,V
KA = VREF, 0°C
≤ T
A
≤ 70°C
2
4
µA
Minimum Operating Current
IMIN
V
KA = VREF
0.4
1
mA
Off-State Cathode Current
IOFF
V
KA = 36V, VREF = 0V
0.1
1
µA
Dynamic Impedance
|Z
KA |
V
KA = VREF, I
K = 1mA to 100mA,
f
≤ 1kHz
0.2
0.5
Ω
Note 1:
For AMC431 only. The output accuracy is 1.0%.
Note 2:
For AMC431C only. The output accuracy is 1.5%.
Note 3:
For AMC431B only. The output accuracy is 0.5%.
VREF
Note 4:
VKA
Ratio of change in reference input voltage to the change in cathode voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com