| データシートサーチシステム |
|
CSNT241 データシート(PDF) 4 Page - Honeywell Solid State Electronics Center |
|
|
|||||||||||||||||||||||||||||
CSNT241 データシート(HTML) 4 Page - Honeywell Solid State Electronics Center |
|
4 / 9 page ![]() Solid State Sensors CSN Series Closed Loop Current Sensors Honeywell MICRO SWITCH Sensing and Control 1-800-537-6945 USA 1-815-235-6847 International 1-800-737-3360 Canada 63 CSNJ, CSNK SERIES ORDER GUIDE Catalog Listings Current Range Amps Supply Voltage VDC ± 5% Coil Characteristics Meas. Currents Nom. Meas. Resist (@ Inom) Turns Resistance CSNJ481 ±600 ±12 to 18 2000 25 @70°C 150 mA for 300 A 0 to 70 CSNJ481-001* ±600 ±12 to 18 2000 25 @70°C 150 mA for 300 A 0 to 70 CSNJ481-002 ±600 ±12 to 18 2000 25 @70°C 150 mA for 300 A 0 to 70 CSNJ481-003* ±600 ±12 to 18 2000 25 @70°C 150 mA for 300 A 0 to 70 CSNK591 ±1200 ±15 to 24 5000 50 @70°C 100 mA for 500 A 0 to 130 CSNK591-001* ±1200 ±15 to 24 5000 50 @70°C 100 mA for 500 A 0 to 130 CSNK591-002 ±1200 ±15 to 24 5000 50 @70°C 100 mA for 500 A 0 to 130 CSNK591-003* ±1200 ±15 to 24 5000 50 @70°C 100 mA for 500 A 0 to 130 *Fitted with busbar SPECIFICATIONS Catalog Listings CSNJ481 CSNJ481-002 CSNK591 CSNK591-002 CSNJ481-001 CSNJ481-003 CSNK591-001 CSNK591-003 Offset Current @ 25°C, mA max. ±0.30 ±0.30 ±0.20 ±0.20 Temperature Drift, 0 to 70°C, mA ±0.30 typ. ±0.30 typ. ±0.20 typ. ±0.20 typ. ±0.50 max. ±0.50 max. ±0.30 max. ±0.30 max. Linearity ±0.1% ±0.1% ±0.1% ±0.1% Supply Voltage ±12 to ±18V ±12 to ±18V ±15 to ±24V ±15 to ±24V Galvanic Isolation @ 50 Hz/1 min. 7.5 kV rms 7.5 kV rms 6 kV rms 6 kV rms Accuracy ±0.5% of IN (nominal Current) at 25°C Response Time <1 s Bandwidth DC to 150 kHz Operating Temperature −40 to 85°C 0 to 70°C −40 to 85°C 0 to 70°C (−40 to 185°F) (32 to 158°F(−40 to 185°F) (32 to 158°F) Storage Temperature −40 to 90°C −25 to 85°C −40 to 90°C −25 to 85°C (−40 to 194°F) (−13 to 85°F(−40 to 194°F) (−13 to 85°F) Primary Circuit Connection Thru-hole or busbar Thru-hole or busbar Thru-hole or busbar Thru-hole or busbar Secondary Circuit Connection 3 pins 3 pins 3 pins 3 pins Current Drain 14 mA (no load current) + output current 22 mA (24 V) + output current ‘‘In-Out’’ Sense Signal To obtain positive measuring current on O/P terminal, current must flow in direction of arrow Mounting Faston, 3 pins Push-on (spade), 3 terminals WIRING DIAGRAM PDFINFO p a g e - 0 6 3 |