| データシートサーチシステム |
|
UPD17P236 データシート(PDF) 9 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
UPD17P236 データシート(HTML) 9 Page - Renesas Technology Corp |
|
9 / 34 page ![]() µPD17P236 7 Data Sheet U14776EJ1V0DS00 CONTENTS 1. DIFFERENCES BETWEEN µPD17236 AND µPD17P236 ........................................................... 8 2. PIN FUNCTIONS ........................................................................................................................... 9 2.1 Normal Operation Mode .................................................................................................................... 9 2.2 PROM Programming Mode ............................................................................................................... 10 2.3 Input/Output Circuits ......................................................................................................................... 11 2.4 Processing of Unused Pins .............................................................................................................. 12 2.5 Notes on Using the RESET and INT Pins ........................................................................................12 3. WRITING AND VERIFYING ONE-TIME PROM (PROGRAM MEMORY) .................................... 13 3.1 Operating Mode When Writing/Verifying Program Memory .......................................................... 13 3.2 Program Memory Writing Procedure ............................................................................................... 14 3.3 Program Memory Reading Procedure .............................................................................................15 4. ELECTRICAL SPECIFICATIONS ................................................................................................. 16 5. PACKAGE DRAWING .................................................................................................................. 23 6. RECOMMENDED SOLDERING CONDITIONS ............................................................................ 25 APPENDIX. DEVELOPMENT TOOLS ................................................................................................ 27 |