| データシートサーチシステム |
|
74ALVC573BQ データシート(PDF) 13 Page - Nexperia B.V. All rights reserved |
|
|
|||||||||||||||||||||||||||||
74ALVC573BQ データシート(HTML) 13 Page - Nexperia B.V. All rights reserved |
|
13 / 16 page ![]() Nexperia 74ALVC573 Octal D-type transparent latch; 3-state References Outline version European projection Issue date IEC JEDEC JEITA SOT764-1 - - - MO-241 - - - sot764-1_po 03-01-27 14-12-12 Unit mm max nom min 1.00 0.05 4.6 3.15 2.6 0.5 3.5 0.1 A(1) Dimensions (mm are the original dimensions) Note 1. Plastic or metal protrusions of 0.075 mm maximum per side are not included. A1 b 0.30 c D(1) Dh E(1) Eh 1.00 e e1 L 0.4 v w 0.05 y y1 0.90 0.02 0.2 4.5 3.00 2.5 0.25 0.05 0.1 0.85 0.3 0.80 0.00 4.4 2.85 2.4 0.18 1.15 0.5 detail X B A e1 e e C y C y1 X A C B v C w scale A A1 c L Eh Dh b 2 9 19 12 11 10 1 20 D E terminal 1 index area terminal 1 index area 0 5 mm 2.5 DHVQFN20: plastic dual in-line compatible thermal enhanced very thin quad flat package; no leads; 20 terminals; body 2.5 x 4.5 x 0.85 mm SOT764-1 Fig. 16. Package outline SOT764-1 (DHVQFN20) 74ALVC573 All information provided in this document is subject to legal disclaimers. © Nexperia B.V. 2021. All rights reserved Product data sheet Rev. 4 — 30 April 2021 13 / 16 |