データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MCP16301 データシート(PDF) 29 Page - Microchip Technology

部品番号 MCP16301
部品情報  High-Voltage Input Integrated Switch Step-Down Regulator
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MICROCHIP [Microchip Technology]
ホームページ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP16301 データシート(HTML) 29 Page - Microchip Technology

Back Button MCP16301 Datasheet HTML 25Page - Microchip Technology MCP16301 Datasheet HTML 26Page - Microchip Technology MCP16301 Datasheet HTML 27Page - Microchip Technology MCP16301 Datasheet HTML 28Page - Microchip Technology MCP16301 Datasheet HTML 29Page - Microchip Technology MCP16301 Datasheet HTML 30Page - Microchip Technology MCP16301 Datasheet HTML 31Page - Microchip Technology MCP16301 Datasheet HTML 32Page - Microchip Technology MCP16301 Datasheet HTML 33Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 38 page
background image
 2011-2021 Microchip Technology Inc.
DS20005004E-page 31
MCP16301/H
7.0
PACKAGING INFORMATION
7.1
Package Marking Information
Legend: XX...X
Customer-specific information
Y
Year code (last digit of calendar year)
YY
Year code (last 2 digits of calendar year)
WW
Week code (week of January 1 is week ‘01’)
NNN
Alphanumeric traceability code
Pb-free JEDEC® designator for Matte Tin (Sn)
*
This package is Pb-free. The Pb-free JEDEC designator (
)
can be found on the outer packaging for this package.
Note:
In the event the full Microchip part number cannot be marked on one line, it will
be carried over to the next line, thus limiting the number of available
characters for customer-specific information.
3
e
3
e
6-Lead SOT-23
Example
HT25
Part Number
Code
MCP16301T-I/CHY
HTNN
MCP16301T-E/CH
JYNN
MCP16301HT-E/CH
AAANY
MCP16301HT-I/CH
AAAPY



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38